Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 206 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 206 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 202Page - Infineon Technologies AG C167CS Datasheet HTML 203Page - Infineon Technologies AG C167CS Datasheet HTML 204Page - Infineon Technologies AG C167CS Datasheet HTML 205Page - Infineon Technologies AG C167CS Datasheet HTML 206Page - Infineon Technologies AG C167CS Datasheet HTML 207Page - Infineon Technologies AG C167CS Datasheet HTML 208Page - Infineon Technologies AG C167CS Datasheet HTML 209Page - Infineon Technologies AG C167CS Datasheet HTML 210Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-18
V2.0, 2000-07
9.4
READY Controlled Bus Cycles
For situations, where the programmable waitstates are not enough, or where the
response (access) time of a peripheral is not constant, the C167CS provides external
bus cycles that are terminated via a READY input signal (synchronous or
asynchronous). In this case the C167CS first inserts a programmable number of
waitstates (0 … 7) and then monitors the READY line to determine the actual end of the
current bus cycle. The external device drives READY low in order to indicate that data
have been latched (write cycle) or are available (read cycle).
Figure 9-10
READY Controlled Bus Cycles
The READY function is enabled via the RDYENx bits in the BUSCON registers. When
this function is selected (RDYENx = ‘1’), only the lower 3 bits of the respective MCTC bit
field define the number of inserted waitstates (0 … 7), while the MSB of bit field MCTC
selects the READY operation:
MCTC.3 = ‘0’: Synchronous READY, i.e. the READY signal must meet setup and hold
times.
MCTC.3 = ‘1’: Asynchronous READY, i.e. the READY signal is synchronized internally.
Evaluation (sampling) of the READY input
AREADY
SREADY
:
RD/WR
ALE
2. WS
with active READY
1. WS
Bus Cycle
MCD02237
extended via READY
1. WS
2. WS
Bus Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com