Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 214 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 214 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 210Page - Infineon Technologies AG C167CS Datasheet HTML 211Page - Infineon Technologies AG C167CS Datasheet HTML 212Page - Infineon Technologies AG C167CS Datasheet HTML 213Page - Infineon Technologies AG C167CS Datasheet HTML 214Page - Infineon Technologies AG C167CS Datasheet HTML 215Page - Infineon Technologies AG C167CS Datasheet HTML 216Page - Infineon Technologies AG C167CS Datasheet HTML 217Page - Infineon Technologies AG C167CS Datasheet HTML 218Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-26
V2.0, 2000-07
Note: There is no register ADDRSEL0, as register BUSCON0 controls all external
accesses outside the four address windows of BUSCON4 … BUSCON1 within the
complete address space.
Definition of Address Areas
The four register pairs BUSCON4/ADDRSEL4 … BUSCON1/ADDRSEL1 allow to
define 4 separate address areas within the address space of the C167CS. Within each
of these address areas external accesses can be controlled by one of the four different
bus modes, independent of each other and of the bus mode specified in register
BUSCON0. Each ADDRSELx register in a way cuts out an address window, within which
the parameters in register BUSCONx are used to control external accesses. The range
start address of such a window defines the upper address bits, which are not used within
the address window of the specified size (see Table 9-6). For a given window size only
those upper address bits of the start address are used (marked “R”), which are not
implicitly used for addresses inside the window. The lower bits of the start address
(marked “x”) are disregarded.
Table 9-6
Address Window Definition
Bit field RGSZ Resulting Window Size
Relevant Bits (R) of Start Addr. (A12 …)
0 0 0 0
0 0 0 1
0 0 1 0
0 0 1 1
0 1 0 0
0 1 0 1
0 1 1 0
0 1 1 1
1 0 0 0
1 0 0 1
1 0 1 0
1 0 1 1
1 1 x x
4 KByte
8 KByte
16 KByte
32 KByte
64 KByte
128 KByte
256 KByte
512 KByte
1 MByte
2 MByte
4 MByte
8 MByte
Reserved.
RRR RRR RR RRR R
RRR RRR RR RRR x
RRR RRR RR RRx
x
RRR RRR RR Rx
x
x
RRR RRR RR x
x
x
x
RRR RRR Rx
x
x
x
x
RRR RRR x
x
x
x
x
x
RRR RRx
x
x
x
x
x
x
RRR Rx
x
x
x
x
x
x
x
R R R xxx
xx
xxx
x
R R x
xxx
xx
xxx
x
R x
x
xxx
xx
xxx
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com