Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 216 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 216 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 212Page - Infineon Technologies AG C167CS Datasheet HTML 213Page - Infineon Technologies AG C167CS Datasheet HTML 214Page - Infineon Technologies AG C167CS Datasheet HTML 215Page - Infineon Technologies AG C167CS Datasheet HTML 216Page - Infineon Technologies AG C167CS Datasheet HTML 217Page - Infineon Technologies AG C167CS Datasheet HTML 218Page - Infineon Technologies AG C167CS Datasheet HTML 219Page - Infineon Technologies AG C167CS Datasheet HTML 220Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-28
V2.0, 2000-07
Note: RP0H is initialized during the reset configuration and permits to check the current
configuration.
This configuration (except for bit WRC) can be changed via register RSTCON
(see Section 20.5).
RP0H
Reset Value of P0H
SFR (F108H/84H)
Reset Value: - - XXH
15
14
13
12
11
10
9876
543210
CLKCFG
SALSEL
CSSEL
WRC
rh
rh
rh
rh
Bit
Function
WRC
Write Configuration
0:
Pins WR and BHE operate as WRL and WRH signals
1:
Pins WR and BHE operate as WR and BHE signals
CSSEL
Chip Select Line Selection (Number of active CS outputs)
00:
3 CS lines: CS2 …CS0
01:
2 CS lines: CS1 … CS0
10:
No CS lines at all
11:
5 CS lines: CS4 …CS0 (Default without pulldowns)
SALSEL
Segment Address Line Selection (nr. of active segment addr. outputs)
00:
4-bit segment address: A19 … A16
01:
No segment address lines at all
10:
8-bit segment address: A23 … A16
11:
2-bit segment address: A17 … A16 (Default without pulldowns)
CLKCFG
Clock Generation Mode Configuration
These pins define the clock generation mode, i.e. the mechanism how the
internal CPU clock is generated from the externally applied (XTAL) input
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com