| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 220 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 220 Page - Infineon Technologies AG |
|
220 / 517 page ![]() C167CS Derivatives The External Bus Interface User’s Manual 9-32 V2.0, 2000-07 Arbitration Sequences An external master may request the C167CS’s bus via the HOLD input. After completing the currently running bus cycle the C167CS acknowledges this request via the HLDA output and will then float its bus lines (internal pullups at CSx, RD, and WR, internal pulldown at ALE). The new master may now access the peripheral devices or memory banks via the same interface lines as the C167CS. During this time the C167CS can keep on executing, as long as it does not need access to the external bus. All actions that just require internal resources like instruction or data memory and on-chip generic peripherals, may be executed in parallel. Note: The XBUS is an internal representation of the external bus interface. Accesses to XBUS peripherals use the EBC and therefore also cannot be executed during the bus hold state. When the C167CS needs access to its external bus while it is occupied by another bus master, it demands it via the BREQ output. The arbiter can then remove the current master from the bus. This is indicated to the C167CS by deactivating its HOLD input. The C167CS responds by deactivating its HLDA signal, and then taking control of the external bus itself. Of course also the request signal BREQ is deactivated after getting control of the bus back. Table 9-8 Interface Pins for Bus Arbitration Pin Function Direction Operational Description P6.5 HOLD INput The hold request signal requests the external bus system from the C167CS. P6.6 HLDA (Master mode) OUTput The hold acknowledge signal acknowledges a hold request and indicates to the external partners that the C167CS has withdrawn from the bus and another external bus master may now use it. BGR1) (Slave mode) INput The bus grant signal indicates to the C167CS (slave) that the master has withdrawn from the external bus in response to the slave’s BREQ. The slave may now use the external bus system until the master requests it back. P6.7 BREQ OUTput The bus request signal indicates to the bus arbiter logic that the C167CS requires control over the external bus, which has been released and is currently controlled by another bus master. 1) In slave mode pin HLDA inverts its direction to input. The changed functionality is indicated through the different name. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |