| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 224 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 224 Page - Infineon Technologies AG |
|
224 / 517 page ![]() C167CS Derivatives The External Bus Interface User’s Manual 9-36 V2.0, 2000-07 In Slave Mode the C167CS inverts the direction of its HLDA pin and uses it as the bus grant input BGR, while the master’s HLDA pin remains an output. This permits the direct connection of these two signals without any additional glue logic for bus arbitration. The BREQ outputs are mutually connected to the other partner’s HOLD input (see Figure 9-15). Figure 9-15 Sharing External Resources Using Slave Mode Slave Mode is selected by intentionally switching pin BREQ to output (DP6.7 = ‘1’). Normally the port direction register bits for the arbitration interface pins retain their reset value which is ‘0’. Clearing bit DP6.7 (or preserving the reset value) selects Master Mode, where the device operates compatible with earlier versions without the slave mode feature. Note: If the C167CS operates in slave mode and executes a loop out of external memory which fits completely into the jump cache (e.g. JB bitaddr, $) its BREQ output may toggle (period = 2 CPU clock cycles). BREQ is activated by the prefetcher that wants to read the next sequential intstruction. BREQ is the deactivated, because the target of the taken jump is found in the jump cache. A loop of a minimum length of 3 words avoids this. MCS04370 C167CR in Master Mode C167CR in Slave Mode Ext. Bus HOLD HLDA BREQ HOLD BRG BREQ The pullups provide correct signal levels during the initialization phase. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |