Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 228 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 228 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 224Page - Infineon Technologies AG C167CS Datasheet HTML 225Page - Infineon Technologies AG C167CS Datasheet HTML 226Page - Infineon Technologies AG C167CS Datasheet HTML 227Page - Infineon Technologies AG C167CS Datasheet HTML 228Page - Infineon Technologies AG C167CS Datasheet HTML 229Page - Infineon Technologies AG C167CS Datasheet HTML 230Page - Infineon Technologies AG C167CS Datasheet HTML 231Page - Infineon Technologies AG C167CS Datasheet HTML 232Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-40
V2.0, 2000-07
9.8.2
External Accesses to XBUS Peripherals
The on-chip XBUS peripherals of the C167CS can be accessed from outside via the
external bus interface under certain circumstances. In emulation mode the XBUS
peripherals are controlled by the bondout-chip. During normal operation this external
access is accomplished selecting the XPER-Share mode.
XPER-Share Mode
The C167CS can share its on-chip XBUS peripherals with other (external) bus masters,
i.e. it can allow them to access its X-Peripherals while it is in hold mode. This external
access is enabled via bit XPERSHARE in register SYSCON and is only possible while
the host controller is in hold mode.
During XPER-Share mode the C167CS’s bus interface inverts its direction so the
external master can drive address, control, and data signals to the respective peripheral.
This can be used e.g. to install a mailbox memory in a multi-processor system.
Note: When XPER-Share mode is disabled no accesses to on-chip XBUS peripherals
can be executed from outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com