| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 229 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 229 Page - Infineon Technologies AG |
|
229 / 517 page ![]() C167CS Derivatives The General Purpose Timer Units User’s Manual 10-1 V2.0, 2000-07 10 The General Purpose Timer Units The General Purpose Timer Units GPT1 and GPT2 represent very flexible multifunctional timer structures which may be used for timing, event counting, pulse width measurement, pulse generation, frequency multiplication, and other purposes. They incorporate five 16-bit timers that are grouped into the two timer blocks GPT1 and GPT2. Block GPT1 contains 3 timers/counters with a maximum resolution of 16 TCL, while block GPT2 contains 2 timers/counters with a maximum resolution of 8 TCL and a 16- bit Capture/Reload register (CAPREL). Each timer in each block may operate independently in a number of different modes such as gated timer or counter mode, or may be concatenated with another timer of the same block. The auxiliary timers of GPT1 may optionally be configured as reload or capture registers for the core timer. In the GPT2 block, the additional CAPREL register supports capture and reload operation with extended functionality, and its core timer T6 may be concatenated with timers of the CAPCOM units (T0, T1, T7, and T8). Each block has alternate input/output functions and specific interrupts associated with it. 10.1 Timer Block GPT1 From a programmer’s point of view, the GPT1 block is composed of a set of SFRs as summarized below. Those portions of port and direction registers which are used for alternate functions by the GPT1 block are shaded. Figure 10-1 SFRs and Port Pins Associated with Timer Block GPT1 E MCA04371 ODP3 DP3 P3 T2 T3 T4 T2CON T2IC T4IC Ports & Direction Control Alternate Functions Data Registers Control Registers Interrupt Control P5 Port 5 Data Register ODP3 Port 3 Open Drain Control Register DP3 Port 3 Direction Control Register P3 Port 3 Data Register T2CON GPT1 Timer 2 Control Register T3CON GPT1 Timer 3 Control Register T4CON GPT1 Timer 4 Control Register P5DIDIS Port 5 Digital Input Disable Register T2 GPT1 Timer 2 Register T3 GPT1 Timer 3 Register T4 GPT1 Timer 4 Register T2IC GPT1 Timer 2 Interrupt Control Register T3IC GPT1 Timer 3 Interrupt Control Register T4IC GPT1 Timer 4 Interrupt Control Register T3IC T2IN/P3.7 T2EUD/P5.15 T3IN/P3.6 T3EUD/P3.4 T4IN/P3.5 T4EUD/P5.14 T3OUT/P3.3 P5 T3CON P5DIDIS T4CON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |