Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 227 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 227 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 223Page - Infineon Technologies AG C167CS Datasheet HTML 224Page - Infineon Technologies AG C167CS Datasheet HTML 225Page - Infineon Technologies AG C167CS Datasheet HTML 226Page - Infineon Technologies AG C167CS Datasheet HTML 227Page - Infineon Technologies AG C167CS Datasheet HTML 228Page - Infineon Technologies AG C167CS Datasheet HTML 229Page - Infineon Technologies AG C167CS Datasheet HTML 230Page - Infineon Technologies AG C167CS Datasheet HTML 231Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-39
V2.0, 2000-07
Visible Mode
The C167CS can mirror on-chip access cycles to its XBUS peripherals so these
accesses can be observed or recorded by the external system. This function is enabled
via bit VISIBLE in register SYSCON.
Accesses to XBUS peripherals also use the EBC. Due to timing constraints the address
bus will change for all accesses using the EBC.
Note: As XBUS peripherals use demultiplexed bus cycles, the respective address is
driven on PORT1 in visible mode, even if the external system uses MUX buses
only.
If visible mode is activated, accesses to on-chip XBUS peripherals (including control
signals RD, WR, and BHE) are mirrored to the bus interface. Accesses to internal
resources (program memory, IRAM, GPRs) do not use the EBC and cannot be mirrored
to outside.
If visible mode is deactivated, however, no control signals (RD, WR) will be activated,
i.e. there will be no valid external bus cycles.
Note: Visible mode can only work if the external bus is enabled at all.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com