Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 225 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 225 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 221Page - Infineon Technologies AG C167CS Datasheet HTML 222Page - Infineon Technologies AG C167CS Datasheet HTML 223Page - Infineon Technologies AG C167CS Datasheet HTML 224Page - Infineon Technologies AG C167CS Datasheet HTML 225Page - Infineon Technologies AG C167CS Datasheet HTML 226Page - Infineon Technologies AG C167CS Datasheet HTML 227Page - Infineon Technologies AG C167CS Datasheet HTML 228Page - Infineon Technologies AG C167CS Datasheet HTML 229Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-37
V2.0, 2000-07
9.8
The XBUS Interface
The C167CS provides an on-chip interface (the XBUS interface), via which integrated
customer/application specific peripherals can be connected to the standard controller
core. The XBUS is an internal representation of the external bus interface, i.e. it is
operated in the same way.
For each peripheral on the XBUS (X-Peripheral) there is a separate address window
controlled by a register pair XBCONx/XADRSx (similar to registers BUSCONx and
ADDRSELx). As an interface to a peripheral in many cases is represented by just a few
registers, the XADRSx registers partly select smaller address windows than the
standard ADDRSEL registers. As the XBCONx/XADRSx register pairs control integrated
peripherals rather than externally connected ones, they are fixed by mask programming
rather than being user programmable.
X-Peripheral accesses provide the same choices as external accesses, so these
peripherals may be bytewide or wordwide. Because the on-chip connection can be
realized very efficient and for performance reasons X-Peripherals are only implemented
with a separate address bus, i.e. in demultiplexed bus mode. Interrupt nodes are
provided for X-Peripherals to be integrated.
Note: If you plan to develop a peripheral of your own to be integrated into a C167CS
device to create a customer specific version, please ask for the specification of the
XBUS interface and for further support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com