Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 223 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 223 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 219Page - Infineon Technologies AG C167CS Datasheet HTML 220Page - Infineon Technologies AG C167CS Datasheet HTML 221Page - Infineon Technologies AG C167CS Datasheet HTML 222Page - Infineon Technologies AG C167CS Datasheet HTML 223Page - Infineon Technologies AG C167CS Datasheet HTML 224Page - Infineon Technologies AG C167CS Datasheet HTML 225Page - Infineon Technologies AG C167CS Datasheet HTML 226Page - Infineon Technologies AG C167CS Datasheet HTML 227Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-35
V2.0, 2000-07
Connecting Bus Masters
When multiple bus masters (C167CSs or other masters) shall share external resources
a bus arbiter is required that determines the currently active bus master and also
enables a C167CS which has surrendered its bus interface to regain control of it in case
it must access the shared external resources.
The structure of this bus arbiter defines the degree of control the C167CS has over the
external bus system. Whenever the C167CS has released the bus, there is no way of
actively regaining control of it, besides the activation of the BREQ signal. In any case the
C167CS must wait for the deactivation of its HOLD input.
Note: The full arbitration logic is required if the “other” bus master does not automatically
remove its hold request after having used the shared resources.
Figure 9-14
Principle Arbitration Logic
Compact Two-Master Systems (Master/Slave Mode)
When two C167CSs (or other members of the C166 Family) are to be connected in this
way the external bus arbitration logic (normally required to combine the respective
output signals HLDA and BREQ) can be left out.
In this case one of the controllers operates in Master Mode (the standard default
operating mode, DP6.7 = ‘0’), while the other one must operate in Slave Mode (selected
with DP6.7 = ‘1’). In this configuration the master-device normally controls the external
bus, while the slave-device gets control of it on demand only. In most cases this requires
that (at least) the slave-device operates out of internal resources most of the time, in
order to get an acceptable overall system performance.
MCA04369
Bus Arbiter Logic
C167CR or
other Master
C167CR or
other Master
C 67CR or
other Master
HOLD
HLDA
BREQ
External Bus System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com