Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 222 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 222 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 218Page - Infineon Technologies AG C167CS Datasheet HTML 219Page - Infineon Technologies AG C167CS Datasheet HTML 220Page - Infineon Technologies AG C167CS Datasheet HTML 221Page - Infineon Technologies AG C167CS Datasheet HTML 222Page - Infineon Technologies AG C167CS Datasheet HTML 223Page - Infineon Technologies AG C167CS Datasheet HTML 224Page - Infineon Technologies AG C167CS Datasheet HTML 225Page - Infineon Technologies AG C167CS Datasheet HTML 226Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-34
V2.0, 2000-07
Exiting the Hold State
The external bus master returns the access rights to the C167CS by driving the HOLD
input high. After synchronizing this signal the C167CS will drive the HLDA output high,
actively drive the control signals and resume executing external bus cycles if required.
Depending on the arbitration logic, the external bus can be returned to the C167CS
under two circumstances:
• The external master does no more require access to the shared resources and gives
up its own access rights, or
• The C167CS needs access to the shared resources and demands this by activating
its BREQ output. The arbitration logic may then activate the other master’s HOLD and
so free the external bus for the C167CS, depending on the priority of the different
masters.
Note: The Hold State is not terminated by clearing bit HLDEN.
Figure 9-13
External Bus Arbitration, Regaining the Bus
Note: The falling BREQ edge shows the last chance for BREQ to trigger the indicated
regain-sequence. Even if BREQ is activated earlier the regain-sequence is
initiated by HOLD going high. BREQ and HOLD are connected via an external
arbitration circuitry. Please note that HOLD may also be deactivated without the
C167CS requesting the bus.
MCD02236
Other
Signals
CSx
BREQ
HLDA
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com