Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 232 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 232 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 228Page - Infineon Technologies AG C167CS Datasheet HTML 229Page - Infineon Technologies AG C167CS Datasheet HTML 230Page - Infineon Technologies AG C167CS Datasheet HTML 231Page - Infineon Technologies AG C167CS Datasheet HTML 232Page - Infineon Technologies AG C167CS Datasheet HTML 233Page - Infineon Technologies AG C167CS Datasheet HTML 234Page - Infineon Technologies AG C167CS Datasheet HTML 235Page - Infineon Technologies AG C167CS Datasheet HTML 236Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-4
V2.0, 2000-07
Timer 3 Run Bit
The timer can be started or stopped by software through bit T3R (Timer T3 Run Bit). If
T3R = ‘0’, the timer stops. Setting T3R to ‘1’ will start the timer.In gated timer mode, the
timer will only run if T3R = ‘1’ and the gate is active (high or low, as programmed).
Count Direction Control
The count direction of the core timer can be controlled either by software or by the
external input pin T3EUD (Timer T3 External Up/Down Control Input), which is the
alternate input function of port pin P3.4. These options are selected by bits T3UD and
T3UDE in control register T3CON. When the up/down control is done by software (bit
T3UDE = ‘0’), the count direction can be altered by setting or clearing bit T3UD. When
T3UDE = ‘1’, pin T3EUD is selected to be the controlling source of the count direction.
However, bit T3UD can still be used to reverse the actual count direction, as shown in
Table 10-1. If T3UD = ‘0’ and pin T3EUD shows a low level, the timer is counting up.
With a high level at T3EUD the timer is counting down. If T3UD = ‘1’, a high level at pin
T3EUD specifies counting up, and a low level specifies counting down. The count
direction can be changed regardless of whether the timer is running or not.
When pin T3EUD/P3.4 is used as external count direction control input, it must be
configured as input, i.e. its corresponding direction control bit DP3.4 must be set to ‘0’.
Note: The direction control works the same for core timer T3 and for auxiliary timers T2
and T4. Therefore the pins and bits are named Tx …
Table 10-1
GPT1 Core Timer T3 Count Direction Control
Pin TxEUD
Bit TxUDE
Bit TxUD
Count Direction
X
0
0
Count Up
X
0
1
Count Down
0
1
0
Count Up
1
1
0
Count Down
0
1
1
Count Down
1
1
1
Count Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com