Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 236 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 236 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 232Page - Infineon Technologies AG C167CS Datasheet HTML 233Page - Infineon Technologies AG C167CS Datasheet HTML 234Page - Infineon Technologies AG C167CS Datasheet HTML 235Page - Infineon Technologies AG C167CS Datasheet HTML 236Page - Infineon Technologies AG C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-8
V2.0, 2000-07
Timer 3 in Counter Mode
Counter mode for the core timer T3 is selected by setting bit field T3M in register T3CON
to ‘001B’. In counter mode timer T3 is clocked by a transition at the external input pin
T3IN. The event causing an increment or decrement of the timer can be a positive, a
negative, or both a positive and a negative transition at this pin. Bit field T3I in control
register T3CON selects the triggering transition (see Table 10-5).
Figure 10-5
Block Diagram of Core Timer T3 in Counter Mode
For counter operation, pin T3IN must be configured as input, i.e. the respective direction
control bit DPx.y must be ‘0’. The maximum input frequency which is allowed in counter
mode is
fCPU/16. To ensure that a transition of the count input signal which is applied to
T3IN is correctly recognized, its level should be held high or low for at least 8
fCPU cycles
before it changes.
Table 10-5
GPT1 Core Timer T3 (Counter Mode) Input Edge Selection
T3I
Triggering Edge for Counter Increment/Decrement
0 0 0
None. Counter T3 is disabled
0 0 1
Positive transition (rising edge) on T3IN
0 1 0
Negative transition (falling edge) on T3IN
0 1 1
Any transition (rising or falling edge) on T3IN
1 X X
Reserved. Do not use this combination
Core Timer Tx
TxR
XOR
0
MUX
1
Up/
Down
TxEUD
TxUDE
MCB02030
TxUD
Txl
TxIN
Edge
Select
TxOTL
TxOE
TxOUT
Interrupt
Request
T3IN = P3.6
T3EUD = P3.4
T3OUT = P3.3
x = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com