Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 237 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 237 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 233Page - Infineon Technologies AG C167CS Datasheet HTML 234Page - Infineon Technologies AG C167CS Datasheet HTML 235Page - Infineon Technologies AG C167CS Datasheet HTML 236Page - Infineon Technologies AG C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-9
V2.0, 2000-07
Timer 3 in Incremental Interface Mode
Incremental Interface mode for the core timer T3 is selected by setting bit field T3M in
register T3CON to ‘110B’. In incremental interface mode the two inputs associated with
timer T3 (T3IN, T3EUD) are used to interface to an incremental encoder. T3 is clocked
by each transition on one or both of the external input pins which gives 2-fold or 4-fold
resolution of the encoder input.
Figure 10-6
Block Diagram of Core Timer T3 in Incremental Interface Mode
Bitfield T3I in control register T3CON selects the triggering transitions (see Table 10-6).
In this mode the sequence of the transitions of the two input signals is evaluated and
generates count pulses as well as the direction signal. So T3 is modified automatically
according to the speed and the direction of the incremental encoder and its contents
therefore always represent the encoder’s current position.
Table 10-6
GPT1 Core Timer T3 (Incremental Interface Mode) Input Edge Selection
T3I
Triggering Edge for Counter Increment/Decrement
0 0 0
None. Counter T3 stops
0 0 1
Any transition (rising or falling edge) on T3IN
0 1 0
Any transition (rising or falling edge) on T3EUD
0 1 1
Any transition (rising or falling edge) on any T3 input (T3IN or T3EUD)
1 X X
Reserved. Do not use this combination
Edge
Select
Timer T3
XOR
0
MUX
1
T3EUD
T3UDE
MCB04000B
T3U
D
T3l
T3IN
T3OTL
Interrupt
Request
T3OUT
Phase
Detect
T3OE
T3R
Up/
Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com