Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 234 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 234 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 230Page - Infineon Technologies AG C167CS Datasheet HTML 231Page - Infineon Technologies AG C167CS Datasheet HTML 232Page - Infineon Technologies AG C167CS Datasheet HTML 233Page - Infineon Technologies AG C167CS Datasheet HTML 234Page - Infineon Technologies AG C167CS Datasheet HTML 235Page - Infineon Technologies AG C167CS Datasheet HTML 236Page - Infineon Technologies AG C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-6
V2.0, 2000-07
The timer input frequencies, resolution and periods which result from the selected
prescaler option are listed in Table 10-2. This table also applies to the Gated Timer
Mode of T3 and to the auxiliary timers T2 and T4 in timer and gated timer mode. Note
that some numbers may be rounded to 3 significant digits.
Table 10-2
GPT1 Timer Input Frequencies, Resolution and Periods @ 20 MHz
fCPU = 20 MHz
Timer Input Selection T2I/T3I/T4I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler factor 8
16
32
64
128
256
512
1024
Input
Frequency
2.5
MHz
1.25
MHz
625
kHz
312.5
kHz
156.25
kHz
78.125
kHz
39.06
kHz
19.53
kHz
Resolution
400 ns 800 ns 1.6
µs3.2 µs6.4 µs 12.8 µs 25.6 µs 51.2 µs
Period
26.2 ms 52.5 ms 105 ms 210 ms 420 ms 840 ms 1.68 s
3.36 s
Table 10-3
GPT1 Timer Input Frequencies, Resolution and Periods @ 25 MHz
fCPU = 25 MHz
Timer Input Selection T2I/T3I/T4I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler factor 8
16
32
64
128
256
512
1024
Input
Frequency
3.125
MHz
1.56
MHz
781.25
kHz
390.62
kHz
195.3
kHz
97.65
kHz
48.83
kHz
24.42
kHz
Resolution
320 ns 640 ns 1.28
µs2.56 µs5.12 µs 10.2 µs 20.5 µs 41.0 µs
Period
21.0 ms 41.9 ms 83.9 ms 168 ms 336 ms 671 ms 1.34 s
2.68 s
Table 10-4
GPT1 Timer Input Frequencies, Resolution and Periods @ 33 MHz
fCPU = 33 MHz
Timer Input Selection T2I/T3I/T4I
000B
001B
010B
011B
100B
101B
110B
111B
Prescaler factor 8
16
32
64
128
256
512
1024
Input
Frequency
4.125
MHz
2.0625
MHz
1.031
MHz
515.62
kHz
257.81
kHz
128.91
kHz
64.45
kHz
32.23
kHz
Resolution
242 ns 485 ns 970 ns 1.94
µs3.88 µs7.76 µs 15.5 µs 31.0 µs
Period
15.9 ms 31.8 ms 63.6 ms 127 ms 254 ms 508 ms 1.02 s
2.03 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com