Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 238 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 238 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 234Page - Infineon Technologies AG C167CS Datasheet HTML 235Page - Infineon Technologies AG C167CS Datasheet HTML 236Page - Infineon Technologies AG C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-10
V2.0, 2000-07
The incremental encoder can be connected directly to the C167CS without external
interface logic. In a standard system, however, comparators will be employed to convert
the encoder’s differential outputs (e.g. A, A) to digital signals (e.g. A). This greatly
increases noise immunity.
Note: The third encoder output Top0, which indicates the mechanical zero position, may
be connected to an external interrupt input and trigger a reset of timer T3 (e.g. via
PEC transfer from ZEROS).
Figure 10-7
Connection of the Encoder to the C167CS
For incremental interface operation the following conditions must be met:
• Bitfield T3M must be ‘110B’.
• Both pins T3IN and T3EUD must be configured as input, i.e. the respective direction
control bits must be ‘0’.
• Bit T3UDE must be ‘1’ to enable automatic direction control.
The maximum counting frequency which is allowed in incremental interface mode is
fCPU/16. To ensure that a transition of any input signal is correctly recognized, its level
should be held high or low for at least 8
fCPU cycles before it changes. As in Incremental
Interface Mode two input signals with a 90° phase shift are evaluated, their maximum
input frequency can be
fCPU/32.
In Incremental Interface Mode the count direction is automatically derived from the
sequence in which the input signals change, which corresponds to the rotation direction
of the connected sensor. Table 10-7 summarizes the possible combinations.
Table 10-7
GPT1 Core Timer T3 (Incremental Interface Mode) Count Direction
Level on respective
other input
T3IN Input
T3EUD Input
Rising
Falling
Rising
Falling
High
Down
Up
Up
Down
Low
Up
Down
Down
Up
MCS04372
Encoder
C167CR
A
B
T0
T3Input
T3Input
Interrupt
A
B
B
T0
T0
A
Signal
Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com