Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 242 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 242 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG C167CS Datasheet HTML 243Page - Infineon Technologies AG C167CS Datasheet HTML 244Page - Infineon Technologies AG C167CS Datasheet HTML 245Page - Infineon Technologies AG C167CS Datasheet HTML 246Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-14
V2.0, 2000-07
Timers T2 and T4 in Counter Mode
Counter mode for the auxiliary timers T2 and T4 is selected by setting bit field TxM in the
respective register TxCON to ‘001B’. In counter mode timers T2 and T4 can be clocked
either by a transition at the respective external input pin TxIN, or by a transition of timer
T3’s output toggle latch T3OTL.
Figure 10-10 Block Diagram of an Auxiliary Timer in Counter Mode
The event causing an increment or decrement of a timer can be a positive, a negative,
or both a positive and a negative transition at either the respective input pin, or at the
toggle latch T3OTL.
Bit field TxI in the respective control register TxCON selects the triggering transition (see
Table 10-8).
Auxiliary Timer Tx
Interrupt
Request
TxR
XOR
0
MUX
1
TxEUD
TxUDE
MCB02221
TxUD
Txl
TxIN
Edge
Select
Up/
Down
x = 2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com