Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 243 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 243 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG C167CS Datasheet HTML 243Page - Infineon Technologies AG C167CS Datasheet HTML 244Page - Infineon Technologies AG C167CS Datasheet HTML 245Page - Infineon Technologies AG C167CS Datasheet HTML 246Page - Infineon Technologies AG C167CS Datasheet HTML 247Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-15
V2.0, 2000-07
Note: Only state transitions of T3OTL which are caused by the overflows/underflows of
T3 will trigger the counter function of T2/T4. Modifications of T3OTL via software
will NOT trigger the counter function of T2/T4.
For counter operation, pin TxIN must be configured as input, i.e. the respective direction
control bit must be ‘0’. The maximum input frequency which is allowed in counter mode
is
fCPU/16. To ensure that a transition of the count input signal which is applied to TxIN
is correctly recognized, its level should be held for at least 8
fCPU cycles before it
changes.
Table 10-8
GPT1 Auxiliary Timer (Counter Mode) Input Edge Selection
T2I/T4I
Triggering Edge for Counter Increment/Decrement
X 0 0
None. Counter Tx is disabled
0 0 1
Positive transition (rising edge) on TxIN
0 1 0
Negative transition (falling edge) on TxIN
0 1 1
Any transition (rising or falling edge) on TxIN
1 0 1
Positive transition (rising edge) of output toggle latch T3OTL
1 1 0
Negative transition (falling edge) of output toggle latch T3OTL
1 1 1
Any transition (rising or falling edge) of output toggle latch T3OTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com