Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 245 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 245 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG C167CS Datasheet HTML 243Page - Infineon Technologies AG C167CS Datasheet HTML 244Page - Infineon Technologies AG C167CS Datasheet HTML 245Page - Infineon Technologies AG C167CS Datasheet HTML 246Page - Infineon Technologies AG C167CS Datasheet HTML 247Page - Infineon Technologies AG C167CS Datasheet HTML 248Page - Infineon Technologies AG C167CS Datasheet HTML 249Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-17
V2.0, 2000-07
Auxiliary Timer in Reload Mode
Reload mode for the auxiliary timers T2 and T4 is selected by setting bit field TxM in the
respective register TxCON to ‘100B’. In reload mode the core timer T3 is reloaded with
the contents of an auxiliary timer register, triggered by one of two different signals. The
trigger signal is selected the same way as the clock source for counter mode (see
Table 10-8), i.e. a transition of the auxiliary timer’s input or the output toggle latch T3OTL
may trigger the reload.
Note: When programmed for reload mode, the respective auxiliary timer (T2 or T4) stops
independent of its run flag T2R or T4R.
Figure 10-12 GPT1 Auxiliary Timer in Reload Mode
Upon a trigger signal T3 is loaded with the contents of the respective timer register (T2
or T4) and the interrupt request flag (T2IR or T4IR) is set.
Note: When a T3OTL transition is selected for the trigger signal, also the interrupt
request flag T3IR will be set upon a trigger, indicating T3’s overflow or underflow.
Modifications of T3OTL via software will NOT trigger the counter function of T2/T4.
Reload Register Tx
Core Timer T3
Up/Down
Source/Edge
Select
T3OTL
Interrupt
Request
T3OE
T3OUT
TxIN
Input
Clock
TxI
Interrupt
Request
MCB02035
*) Note: Line only affected by over/underflows of T3, but NOT by software modifications of T3OTL.
x = 2.4
*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com