| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 244 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 244 Page - Infineon Technologies AG |
|
244 / 517 page ![]() C167CS Derivatives The General Purpose Timer Units User’s Manual 10-16 V2.0, 2000-07 Timer Concatenation Using the toggle bit T3OTL as a clock source for an auxiliary timer in counter mode concatenates the core timer T3 with the respective auxiliary timer. Depending on which transition of T3OTL is selected to clock the auxiliary timer, this concatenation forms a 32-bit or a 33-bit timer/counter. • 32-bit Timer/Counter: If both a positive and a negative transition of T3OTL is used to clock the auxiliary timer, this timer is clocked on every overflow/underflow of the core timer T3. Thus, the two timers form a 32-bit timer. • 33-bit Timer/Counter: If either a positive or a negative transition of T3OTL is selected to clock the auxiliary timer, this timer is clocked on every second overflow/underflow of the core timer T3. This configuration forms a 33-bit timer (16-bit core timer + T3OTL + 16-bit auxiliary timer). The count directions of the two concatenated timers are not required to be the same. This offers a wide variety of different configurations. T3 can operate in timer, gated timer or counter mode in this case. Figure 10-11 Concatenation of Core Timer T3 and an Auxiliary Timer Core Timer Ty TyOTL Interrupt Request TyOE TyOUT TyR 2n : 1 Tyl MCB02034 f CPU Up/Down Auxiliary Timer Tx TxR Txl Edge Select TxIR Interrupt Request *) *) Note: Line only affected by over/underflows of T3, but NOT by software modifications of T3OTL. T3OUT = P3.3 x = 2.4, y = 3 n = 3 … 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |