Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 240 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 240 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 236Page - Infineon Technologies AG C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG C167CS Datasheet HTML 243Page - Infineon Technologies AG C167CS Datasheet HTML 244Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-12
V2.0, 2000-07
10.1.2
GPT1 Auxiliary Timers T2 and T4
Both auxiliary timers T2 and T4 have exactly the same functionality. They can be
configured for timer, gated timer, counter, or incremental interface mode with the same
options for the timer frequencies and the count signal as the core timer T3. In addition to
these 4 counting modes, the auxiliary timers can be concatenated with the core timer, or
they may be used as reload or capture registers in conjunction with the core timer.
The individual configuration for timers T2 and T4 is determined by their bitaddressable
control registers T2CON and T4CON, which are both organized identically. Note that
functions which are present in all 3 timers of block GPT1 are controlled in the same bit
positions and in the same manner in each of the specific control registers.
Note: The auxiliary timers have no output toggle latch and no alternate output function.
T2CON
Timer 2 Control Register
SFR (FF40H/A0H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
-----
T2
UDE
T2
UD
T2R
T2M
T2I
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
T4CON
Timer 4 Control Register
SFR (FF44H/A2H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
-----
T4
UDE
T4
UD
T4R
T4M
T4I
-
-
-
-
-
-
-
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com