Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 241 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 241 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 237Page - Infineon Technologies AG C167CS Datasheet HTML 238Page - Infineon Technologies AG C167CS Datasheet HTML 239Page - Infineon Technologies AG C167CS Datasheet HTML 240Page - Infineon Technologies AG C167CS Datasheet HTML 241Page - Infineon Technologies AG C167CS Datasheet HTML 242Page - Infineon Technologies AG C167CS Datasheet HTML 243Page - Infineon Technologies AG C167CS Datasheet HTML 244Page - Infineon Technologies AG C167CS Datasheet HTML 245Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 517 page
background image
C167CS
Derivatives
The General Purpose Timer Units
User’s Manual
10-13
V2.0, 2000-07
Count Direction Control for Auxiliary Timers
The count direction of the auxiliary timers can be controlled in the same way as for the
core timer T3. The description and the table apply accordingly.
Timers T2 and T4 in Timer Mode or Gated Timer Mode
When the auxiliary timers T2 and T4 are programmed to timer mode or gated timer
mode, their operation is the same as described for the core timer T3. The descriptions,
figures and tables apply accordingly with one exception:
• There is no output toggle latch for T2 and T4.
Timers T2 and T4 in Incremental Interface Mode
When the auxiliary timers T2 and T4 are programmed to incremental interface mode,
their operation is the same as described for the core timer T3. The descriptions, figures
and tables apply accordingly.
Bit
Function
TxI
Timer x Input Selection
Depends on the Operating Mode, see respective sections.
TxM
Timer x Mode Control (Basic Operating Mode)
000: Timer Mode
001: Counter Mode
010: Gated Timer with Gate active low
011: Gated Timer with Gate active high
100: Reload Mode
101: Capture Mode
110: Incremental Interface Mode
111:
Reserved. Do not use this combination.
TxR
Timer x Run Bit
0:
Timer/Counter x stops
1:
Timer/Counter x runs
TxUD
Timer x Up/Down Control1)
TxUDE
Timer x External Up/Down Enable1)
1) For the effects of bits TxUD and TxUDE refer to Table 10-1 (see T3 section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com