Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 197 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 197 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 193Page - Infineon Technologies AG C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG C167CS Datasheet HTML 196Page - Infineon Technologies AG C167CS Datasheet HTML 197Page - Infineon Technologies AG C167CS Datasheet HTML 198Page - Infineon Technologies AG C167CS Datasheet HTML 199Page - Infineon Technologies AG C167CS Datasheet HTML 200Page - Infineon Technologies AG C167CS Datasheet HTML 201Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-9
V2.0, 2000-07
Disable/Enable Control for Pin BHE (BYTDIS)
Bit BYTDIS is provided for controlling the active low Byte High Enable (BHE) pin. The
function of the BHE pin is enabled, if the BYTDIS bit contains a ‘0’. Otherwise, it is
disabled and the pin can be used as standard IO pin. The BHE pin is implicitly used by
the External Bus Controller to select one of two byte-organized memory chips, which are
connected to the C167CS via a word-wide external data bus. After reset the BHE
function is automatically enabled (BYTDIS = ‘0’), if a 16-bit data bus is selected during
reset, otherwise it is disabled (BYTDIS = ‘1’). It may be disabled, if byte access to 16-bit
memory is not required, and the BHE signal is not used.
Segment Address Generation
During external accesses the EBC generates a (programmable) number of address lines
on Port 4, which extend the 16-bit address output on PORT0 or PORT1 and so increase
the accessible address space. The number of segment address lines is selected during
reset and coded in bit field SALSEL in register RP0H (see Table 9-3).
Note: The total accessible address space may be increased by accessing several banks
which are distinguished by individual chip select lines.
If Port 4 is used to output segment address lines, in most cases the drivers must
operate in push/pull mode. Make sure that OPD4 does not select open drain mode
in this case.
Table 9-3
Decoding of Segment Address Lines
SALSEL
Segment Address Lines
Directly accessible Address Space
1 1
Two:
A17 … A16
256
KByte (Default without pull-downs)
1 0
Eight: A23 … A16
16
MByte (Maximum)
0 1
None
64
KByte (Minimum)
0 0
Four:
A19 … A16
1
MByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com