Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 195 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 195 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG C167CS Datasheet HTML 193Page - Infineon Technologies AG C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG C167CS Datasheet HTML 196Page - Infineon Technologies AG C167CS Datasheet HTML 197Page - Infineon Technologies AG C167CS Datasheet HTML 198Page - Infineon Technologies AG C167CS Datasheet HTML 199Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-7
V2.0, 2000-07
multiplexed bus modes the address is also required on PORT0. In this special case the
address on PORT0 is delayed by one CPU clock cycle, which delays the complete
(multiplexed) bus cycle and extends the corresponding ALE signal (see Figure 9-4).
This extra time is required to allow the previously selected device (via demultiplexed
bus) to release the data bus, which would be available in a demultiplexed bus cycle.
Figure 9-4
Switching from Demultiplexed to Multiplexed Bus Mode
Switching between external resources (e.g. different peripherals) may incur a
problem if the previously accessed resource needs some time to switch of its output
drivers (after a read) and the resource to be accessed next switches on its output drivers
very fast. In systems running on higher frequencies this may lead to a bus conflict (the
switch off delays normally are independent from the clock frequency).
In such a case an additional waitstate can automatically be inserted when leaving a
certain address window, i.e. when the next cycle accesses a different window. This
waitstate is controlled in the same way as the waitstate when switching from
demultiplexed to multiplexed bus mode, see Figure 9-4.
BUSCON switch waitstates are enabled via bits BSWCx in the BUSCON registers. By
enabling the automatic BUSCON switch waitstate (BSWCx = ‘1’) there is no impact on
the system performance as long as the external bus cycles access the same address
window. Only if the following cycle accesses a different window a waitstate is inserted
between the last access to the previous window and the first access to the new window.
After reset no BUSCON switch waitstates are selected.
MCD02234
Address
Data/Instr.
Address
Address
Data
Bus Cycle
Address
Address (P1)
ALE
RD
Data
WR
Segment (P4)
Bus Cycle
BUS (P0)
BUS (P0)
Demultiplexed
Multiplexed
Idle State
Data/Instr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com