Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 188 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 188 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 184Page - Infineon Technologies AG C167CS Datasheet HTML 185Page - Infineon Technologies AG C167CS Datasheet HTML 186Page - Infineon Technologies AG C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 517 page
background image
C167CS
Derivatives
Dedicated Pins
User’s Manual
8-4
V2.0, 2000-07
The Reset Output RSTOUT provides a special reset signal for external circuitry.
RSTOUT is activated at the beginning of the reset sequence, triggered via RSTIN, a
watchdog timer overflow or by the SRST instruction. RSTOUT remains active (low) until
the EINIT instruction is executed. This allows to initialize the controller before the
external circuitry is activated.
Note: During emulation mode pin RSTOUT is used as an input and therefore must be
driven by the external circuitry.
The Power Supply pins for the Analog/Digital Converter VAREF and VAGND
provide a separate power supply (reference voltage) for the on-chip ADC. This reduces
the noise that is coupled to the analog input signals from the digital logic sections and so
improves the stability of the conversion results, when VAREF and VAGND are properly
discoupled from VDD and VSS.
The Power Supply pins VDD and VSS provide the power supply for the digital logic of
the C167CS. The respective VDD/VSS pairs should be decoupled as close to the pins
as possible. For best results it is recommended to implement two-level decoupling, e.g.
(the widely used) 100 nF in parallel with 30 … 40 pF capacitors which deliver the peak
currents.
Note: All VDD pins and all VSS pins must be connected to the power supply and ground,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com