Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 187 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 187 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 183Page - Infineon Technologies AG C167CS Datasheet HTML 184Page - Infineon Technologies AG C167CS Datasheet HTML 185Page - Infineon Technologies AG C167CS Datasheet HTML 186Page - Infineon Technologies AG C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 517 page
background image
C167CS
Derivatives
Dedicated Pins
User’s Manual
8-3
V2.0, 2000-07
The Oscillator Input XTAL1 and Output XTAL2 connect the internal Main Oscillator
to the external crystal. The oscillator provides an inverter and a feedback element. The
standard external oscillator circuitry (see Chapter 6) comprises the crystal, two low end
capacitors and series resistor to limit the current through the crystal. The main oscillator
is intended for the generation of the basic operating clock signal of the C167CS.
An external clock signal may be fed to the input XTAL1, leaving XTAL2 open or
terminating it for higher input frequencies.
The Reset Input RSTIN allows to put the C167CS into the well defined reset condition
either at power-up or external events like a hardware failure or manual reset. The input
voltage threshold of the RSTIN pin is raised compared to the standard pins in order to
minimize the noise sensitivity of the reset input.
In bidirectional reset mode the C167CS’s line RSTIN may be driven active by the chip
logic e.g. in order to support external equipment which is required for startup (e.g. flash
memory).
Bidirectional reset reflects internal reset sources (software, watchdog) also to the RSTIN
pin and converts short hardware reset pulses to a minimum duration of the internal reset
sequence. Bidirectional reset is enabled by setting bit BDRSTEN in register SYSCON
and changes RSTIN from a pure input to an open drain IO line. When an internal reset
is triggered by the SRST instruction or by a watchdog timer overflow or a low level is
applied to the RSTIN line, an internal driver pulls it low for the duration of the internal
reset sequence. After that it is released and is then controlled by the external circuitry
alone.
The bidirectional reset function is useful in applications where external devices require
a defined reset signal but cannot be connected to the C167CS’s RSTOUT signal, e.g.
an external flash memory which must come out of reset and deliver code well before
RSTOUT can be deactivated via EINIT.
The following behavior differences must be observed when using the bidirectional reset
feature in an application:
• Bit BDRSTEN in register SYSCON cannot be changed after EINIT and is cleared
automatically after a reset.
• The reset indication flags always indicate a long hardware reset.
• The PORT0 configuration is treated like on a hardware reset. Especially the bootstrap
loader may be activated when P0L.4 is low.
• Pin RSTIN may only be connected to external reset devices with an open drain output driver.
• A short hardware reset is extended to the duration of the internal reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com