Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 186 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 186 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 182Page - Infineon Technologies AG C167CS Datasheet HTML 183Page - Infineon Technologies AG C167CS Datasheet HTML 184Page - Infineon Technologies AG C167CS Datasheet HTML 185Page - Infineon Technologies AG C167CS Datasheet HTML 186Page - Infineon Technologies AG C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 517 page
background image
C167CS
Derivatives
Dedicated Pins
User’s Manual
8-2
V2.0, 2000-07
At the end of a true single-chip mode reset (EA = ‘1’) the current level on pin ALE is
latched and is used for configuration (together with pin RD). Pin ALE selects standard
start/boot, when driven low (default) or alternate start/boot when driven high.
For standard configuration pin ALE should be low or not connected.
The External Read Strobe RD controls the output drivers of external memory or
peripherals when the C167CS reads data from these external devices. During accesses
to on-chip X-Peripherals RD remains inactive (high).
During reset an internal pullup ensures an inactive (high) level on the RD output.
At the end of reset the current level on pin RD is latched and is used for configuration.
For a reset with external access (EA = ‘0’) pin RD controls the oscillator watchdog. The
latched RD level determines the reset value of bit OWDDIS in register SYSCON. The
default high level on pin RD leaves the oscillator watchdog active (OWDDIS = ‘0’), while
a low level disables the watchdog (OWDDIS = ‘1’) e.g. for testing purposes.
For a true single-chip mode reset (EA = ‘1’) pin RD enables the bootstrap loader, when
driven low (pin ALE is evaluated together with pin RD).
For standard configuration pin RD should be high or not connected.
The External Write Strobe WR/WRL controls the data transfer from the C167CS to an
external memory or peripheral device. This pin may either provide an general WR signal
activated for both byte and word write accesses, or specifically control the low byte of an
external 16-bit device (WRL) together with the signal WRH (alternate function of P3.12/
BHE). During accesses to on-chip X-Peripherals WR/WRL remains inactive (high).
During reset an internal pullup ensures an inactive (high) level on the WR/WRL output.
The Ready Input READY receives a control signal from an external memory or
peripheral device that is used to terminate an external bus cycle, provided that this
function is enabled for the current bus cycle. READY may be used as synchronous
READY or may be evaluated asynchronously. When waitstates are defined for a READY
controlled address window the READY input is not evaluated during these waitstates.
An internal pullup ensures an inactive (high) level on the READY input.
The External Access Enable Pin EA determines if the C167CS after reset starts
fetching code from the internal ROM area (EA = ‘1’) or via the external bus interface
(EA = ‘0’). Be sure to hold this input low for ROMless devices. At the end of the internal
reset sequence the EA signal is latched together with the configuration (PORT0, RD,
ALE).
The Non-Maskable Interrupt Input NMI allows to trigger a high priority trap via an
external signal (e.g. a power-fail signal). It also serves to validate the PWRDN instruction
that switches the C167CS into Power-Down mode. The NMI pin is sampled with every
CPU clock cycle to detect transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com