Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 36Page - Renesas Technology Corp 38D2 Datasheet HTML 37Page - Renesas Technology Corp 38D2 Datasheet HTML 38Page - Renesas Technology Corp 38D2 Datasheet HTML 39Page - Renesas Technology Corp 38D2 Datasheet HTML 40Page - Renesas Technology Corp 38D2 Datasheet HTML 41Page - Renesas Technology Corp 38D2 Datasheet HTML 42Page - Renesas Technology Corp 38D2 Datasheet HTML 43Page - Renesas Technology Corp 38D2 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 40 of 131
REJ03B0177-0302
38D2 Group
SERIAL INTERFACE
• SERIAL I/O
The 38D2 Group has two 8-bit serial I/O (serial I/O1 and serial
I/O2).
Serial I/O can be used as either clock synchronous or
asynchronous (UART) serial I/O. A dedicated timer is also
provided for baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O mode can be selected by setting the
serial I/O mode selection bit of the serial I/O control register to
“1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is
started by a write signal to the TB/RB.
Fig. 31 Block diagram of clock synchronous serial I/O
Fig. 32 Operation of clock synchronous serial I/O function
1/4
1/4
F/F
Receive buffer register
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O synchronous
clock selection bit
Baud rate generator
Frequency division ratio 1/(n+1)
BRG count source selection bit
Clock control circuit
Falling-edge detector
Transmit buffer register
Data bus
Shift clock
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Data bus
Transmit shift register
Serial I/O control register
Serial I/O status register
Address 001816
[Address 001D16]
Address 001816
[Address 001D16]
Address 001916
[Address 001E16]
Address 001C16
[Address 0FF216]
Address 001A16
[Address 001F16]
P54/RXD1
[P33/RXD2]
P56/SCLK1
[P31/SCLK2]
P57/SRDY1
[P30/SRDY2]
P55/TXD1
[P32/TXD2]
[ ] : For Serial I/O2
φ SOURCE: represents the supply source of internal clock φ.
XIN input: in the frequency/2, 4 or 8 mode,
Internal on-chip oscillator divided by 4 in the on-chip
oscillator mode, and Sub clock in the low-speed mode.
φSOURCE
D7
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transfer shift clock
(1/2 to 1/2048 of the internal
clock, or an external clock)
Serial output TxD
Serial input RxD
Write pulse to receive/transmit
buffer register
Overrun error (OE)
detection
Notes 1: As the transmit interrupt (TI) source, which can be selected, either when the transmit buffer has emptied (TBE = 1) or
after the transmit shift operation has ended (TSC = 1), by setting the transmit interrupt source selection bit (TIC) of the
serial I/O control register.
2: If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial data
is output continuously from the TxD pin.
3: The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1” .
Receive enable signal SRDY
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com