Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 57Page - Renesas Technology Corp 38D2 Datasheet HTML 58Page - Renesas Technology Corp 38D2 Datasheet HTML 59Page - Renesas Technology Corp 38D2 Datasheet HTML 60Page - Renesas Technology Corp 38D2 Datasheet HTML 61Page - Renesas Technology Corp 38D2 Datasheet HTML 62Page - Renesas Technology Corp 38D2 Datasheet HTML 63Page - Renesas Technology Corp 38D2 Datasheet HTML 64Page - Renesas Technology Corp 38D2 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 61 of 131
REJ03B0177-0302
38D2 Group
• Oscillation Control
(1) Stop Mode
If the STP instruction is executed, the system clock
φ stops at an
“H” level, and main clock and sub-clock oscillators stop.
In this time, values set previously to timer 1 latch and timer 2 latch
are loaded automatically to timer 1 and timer 2. Set the values * to
generate the wait time required for oscillation stabilization to
timer 1 latch and timer 2 latch (low-order 8 bits of timer 1 and
high-order 8 bits of timer 2) before the STP instruction.
The frequency divider for timer 1 is used for the timer 1 count
source, and the output of timer 1 is forcibly connected to timer 2. In
this time, bits 0 to 5 of the timer 12 mode register are cleared to “0”.
The values of the timer 1234 frequency divider selection register
are not changed.
Set the interrupt enable bits of the timer 1 and timer 2 to be
disabled (“0”) before executing the STP instruction.
*: Reference (Set values according to your oscillator and system.)
OSCSEL = “L” of the QzROM version and flash memory
version:
.......................................................................... 000516 or more
OSCSEL = “H” of the QzROM version:
..........................................................................01FF16 or more
When an external interrupt is received, the clock set according to
the OSCSEL pin state starts oscillating in the QzROM version.
The operation mode at returning is decided by the clock that set
according to the OSCSEL pin state.
Bits 3, 5, 6, and 7 of CPUM and bit 0 of CPUM2 are forcibly
changed by the OSCSEL pin state. In the flash memory version,
the on-chip oscillator starts oscillating and the operation mode at
returning is set to on-chip oscillator mode. The bit 3 of CPUM is
changed to “0”, bits 5, 6 and 7 of CPUM are changed to “1”, and
the bit 0 of CPUM2 is changed to “0” forcibly.
Oscillator restarts when reset occurs or an interrupt request is
received, but the system clock
φ is not supplied to the CPU until
timer 2 underflows. This allows time for the clock circuit
oscillation to stabilize.
(2) Wait Mode
If the WIT instruction is executed, only the system clock
φ stops
at an “H” state. The states of main clock, on-chip oscillator and
sub clock are the same as the state before executing the WIT
instruction, and oscillation does not stop. Since supply of system
clock
φ is started immediately after the interrupt is received, the
instruction can be executed immediately.
Fig. 59 Ceramic resonator circuit example
Fig. 60 External clock input circuit
XCIN XCOUT
XIN
XOUT
CIN
COUT
CCIN
CCOUT
Rf
Rd
Note : Insert a damping resistor if required.
The resistance will vary depending on the
oscillator and the oscillation drive capacity
setting.
Use the value recommended by the maker
of the oscillator.
Also, if the oscillator manufacturer's data
sheet specifies that a feedback resistor be
added external to the chip though a
feedback resistor exists on-chip, insert a
feedback resistor between XIN and XOUT
following the instruction.
Rd
XCIN
XCOUT
XIN
XOUT
External oscillation circuit
Open
VCC
VSS
CCIN
Rf
Rd
CCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com