Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 71Page - Renesas Technology Corp 38D2 Datasheet HTML 72Page - Renesas Technology Corp 38D2 Datasheet HTML 73Page - Renesas Technology Corp 38D2 Datasheet HTML 74Page - Renesas Technology Corp 38D2 Datasheet HTML 75Page - Renesas Technology Corp 38D2 Datasheet HTML 76Page - Renesas Technology Corp 38D2 Datasheet HTML 77Page - Renesas Technology Corp 38D2 Datasheet HTML 78Page - Renesas Technology Corp 38D2 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 75 of 131
REJ03B0177-0302
38D2 Group
<Notes on CPU Rewrite Mode>
Take the notes described below when rewriting the flash memory
in CPU rewrite mode.
(1) Operation speed
During CPU rewrite mode, set the system clock
φ to 4.0 MHz or
less using the main clock division ratio selection bits (bits 6 and
7 of address 003B16).
(2) Instructions inhibited against use
The instructions which refer to the internal data of the flash
memory cannot be used during CPU rewrite mode.
(3) Interrupts
The interrupts cannot be used during CPU rewrite mode because
they refer to the internal data of the flash memory.
(4) Watchdog timer
If the watchdog timer has been already activated, internal reset
due to an underflow will not occur because the watchdog timer is
surely cleared during program or erase.
(5) Reset
Reset is always valid. The MCU is activated using the boot mode
at release of reset in the condition of CNVSS = “H”, so that the
program will begin at the address which is stored in addresses
FFFC16 and FFFD16 of the boot ROM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com