Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 68Page - Renesas Technology Corp 38D2 Datasheet HTML 69Page - Renesas Technology Corp 38D2 Datasheet HTML 70Page - Renesas Technology Corp 38D2 Datasheet HTML 71Page - Renesas Technology Corp 38D2 Datasheet HTML 72Page - Renesas Technology Corp 38D2 Datasheet HTML 73Page - Renesas Technology Corp 38D2 Datasheet HTML 74Page - Renesas Technology Corp 38D2 Datasheet HTML 75Page - Renesas Technology Corp 38D2 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 72 of 131
REJ03B0177-0302
38D2 Group
Boot Mode
The control program for CPU rewrite mode must be written into
the User ROM or Boot ROM area in parallel I/O mode
beforehand. (If the control program is written into the Boot ROM
area, the standard serial I/O mode becomes unusable.)
See Figure 70 for details about the Boot ROM area.
Normal microcompu ter mo de is e n t e red when the
microcomputer is reset with pulling CNVSS pin low. In this case,
the CPU starts operating using the control program in the User
ROM area.
When the microcomputer is reset and the CNVSS pin high after
pulling the P32/TxD2 pin and CNVSS pin high, the CPU starts
operating (start address of program is stored into addresses
FFFC16 and FFFD16) using the control program in the Boot
ROM area. This mode is called the “Boot mode”. Also, User
ROM area can be rewritten using the control program in the Boot
ROM area.
Block Address
Block addresses refer to the maximum address of each block.
These addresses are used in the block erase command.
CPU Rewrite Mode
In CPU rewrite mode, the internal flash memory can be operated
on (read, program, or erase) under control of the Central
Processing Unit (CPU).
In CPU rewrite mode, only the User ROM area shown in Figure
70 can be rewritten; the Boot ROM area cannot be rewritten.
Make sure the program and block erase commands are issued for
only the User ROM area and each block area.
The control program for CPU rewrite mode can be stored in
either User ROM or Boot ROM area. In the CPU rewrite mode,
because the flash memory cannot be read from the CPU, the
rewrite control program must be transferred to internal RAM
area before it can be executed.
Fig 70. Block diagram of built-in flash memory
Data block A:
1K bytes
Block 1: 26K bytes
Block 0: 32 K bytes
FFFF16
800016
180016
140016
100016
User ROM area
Data block B:
1K bytes
SFR area
Internal RAM area
(2K bytes)
FFFF16
100016
0FFF16
0FE016
083F16
004016
000016
FFFF16
F00016
Boot ROM area
4K bytes
SFR area
Internal flash memory area
(60K bytes)
RAM
Notes1: The boot ROM area can be rewritten
in a parallel I/O mode. (Access to
except boot ROM area is disabled.)
2: To specify a block, use the maximum
address in the block.
3: The QzROM version has the reserved
ROM area. Note the difference of the
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com