Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 80Page - Renesas Technology Corp 38D2 Datasheet HTML 81Page - Renesas Technology Corp 38D2 Datasheet HTML 82Page - Renesas Technology Corp 38D2 Datasheet HTML 83Page - Renesas Technology Corp 38D2 Datasheet HTML 84Page - Renesas Technology Corp 38D2 Datasheet HTML 85Page - Renesas Technology Corp 38D2 Datasheet HTML 86Page - Renesas Technology Corp 38D2 Datasheet HTML 87Page - Renesas Technology Corp 38D2 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 84 of 131
REJ03B0177-0302
38D2 Group
Table 19 Description of pin function (Flash Memory Standard Serial I/O Mode 1)
Pin name
Signal name
I/O
Function
VCC,VSS
Power supply
I
Apply 2.7 to 5.5 V to the VCC pin and 0 V to the Vss pin.
CNVSS
CNVSS
I
After input of port is set, input “H” level.
RESET
Reset input
I
Reset input pin. To reset the microcomputer, RESET pin should be
held at an “L” level for 16 cycles or more of XIN.
XIN
Clock input
I
Connect an oscillation circuit between the XIN and XOUT pins.
As for the connection method, refer to the “clock generating circuit”.
XOUT
Clock output
O
AVSS
Analog power supply input
Connect AVss to VSS.
VREF
Reference voltage input
I
Apply reference voltage of A/D convertor to this pin.
P00
−P07, P10−P17,
P20
−P27, P34−P37,
P40
−P47, P50−P57,
P60
−P62
I/O port
I/O
Input “L” or “H” level, or keep open.
P33
RxD input
I
Serial data input pin.
P32
TxD output
O
Serial data output pin.
P31
SCLK input
I
Serial clock input pin.
P30
BUSY output
O
BUSY signal output pin.
Table 20 Description of pin function (Flash Memory Standard Serial I/O Mode 2)
Pin name
Signal name
I/O
Function
VCC,VSS
Power supply
I
Apply 2.7 to 5.5 V to the Vcc pin and 0 V to the VSS pin.
CNVSS
CNVSS
I
After input of port is set, input “H” level.
RESET
Reset input
I
Reset input pin. To reset the microcomputer, RESET pin should be
held at an “L” level for 16 cycles or more of XIN.
XIN
Clock input
I
Connect an oscillation circuit between the XIN and XOUT pins.
As for the connection method, refer to the “clock generating circuit”.
XOUT
Clock output
O
AVSS
Analog power supply input
Connect AVss to VSS.
VREF
Reference voltage input
I
Apply reference voltage of A/D convertor to this pin.
P00
−P07, P10−P17,
P20
−P27, P34−P37,
P40
−P47, P50−P57,
P60
−P62
I/O port
I/O
Input “L” or “H” level, or keep open.
P33
RxD input
I
Serial data input pin.
P32
TxD output
O
Serial data output pin.
P31
SCLK input
I
Input “L” level.
P30
BUSY output
O
BUSY signal output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com