Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 22Page - Renesas Technology Corp 38D2 Datasheet HTML 23Page - Renesas Technology Corp 38D2 Datasheet HTML 24Page - Renesas Technology Corp 38D2 Datasheet HTML 25Page - Renesas Technology Corp 38D2 Datasheet HTML 26Page - Renesas Technology Corp 38D2 Datasheet HTML 27Page - Renesas Technology Corp 38D2 Datasheet HTML 28Page - Renesas Technology Corp 38D2 Datasheet HTML 29Page - Renesas Technology Corp 38D2 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 26 of 131
REJ03B0177-0302
38D2 Group
Fig. 17 Structure of interrupt-related registers
INT0 interrupt request bit
INT1 interrupt request bit
INT2 interrupt request bit
Key input interrupt request bit
CNTR0 interrupt request bit
Timer X interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Interrupt request register 1
(IREQ1 : address 003C16)
INT0 interrupt enable bit
INT1 interrupt enable bit
INT2 interrupt enable bit
Key input interrupt enable bit
CNTR0 interrupt enable bit
Timer X interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
Timer 4 interrupt request bit
Serial I/O1 receive interrupt request bit
Serial I/O1 transmit interrupt request bit
Serial I/O2 receive interrupt request bit
Serial I/O2 transmit interrupt request bit
Timer Y interrupt request bit
CNTR1 interrupt request bit
AD conversion interrupt request bit
Not used (returns “0” when read)
0 : No interrupt request issued
1 : Interrupt request issued
Timer 4 interrupt enable bit
Serial I/O1 receive interrupt enable bit
Serial I/O1 transmit interrupt enable bit
Serial I/O2 receive interrupt enable bit
Serial I/O2 transmit interrupt enable bit
Timer Y interrupt enable bit
CNTR1 interrupt enable bit
AD conversion interrupt enable bit
Not used (Do not write to “1”.)
Interrupt control register 2
(ICON2 : address 003F16)
0 : Interrupts disabled
1 : Interrupts enabled
0 : INT2 interrupt
1 : Key input interrupt
Interrupt control register 1
(ICON1 : address 003E16)
Interrupt request register 2
(IREQ2 : address 003D16)
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
INT2 interrupt edge selection bit
INT2/Key input interrupt switch bit
Timer Y/CNTR1 interrupt switch bit
Not used (Do not write to “1”.)
Not used (return “0” when read)
Interrupt edge selection register
(INTEDGE : address 003A16)
0 : Falling edge active
1 : Rising edge active
0 : Timer Y interrupt
1 : CNTR1 interrupt
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com