Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 44Page - Renesas Technology Corp 38D2 Datasheet HTML 45Page - Renesas Technology Corp 38D2 Datasheet HTML 46Page - Renesas Technology Corp 38D2 Datasheet HTML 47Page - Renesas Technology Corp 38D2 Datasheet HTML 48Page - Renesas Technology Corp 38D2 Datasheet HTML 49Page - Renesas Technology Corp 38D2 Datasheet HTML 50Page - Renesas Technology Corp 38D2 Datasheet HTML 51Page - Renesas Technology Corp 38D2 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 48 of 131
REJ03B0177-0302
38D2 Group
• Bias Control and Applied Voltage to LCD Power Input
Pins
When the voltage is applied from the LCD power input pins
(VL1
−VL3), set the VL pin input selection bit (bit 5 of the LCD
power control register) and VL3 connection bit (bit 6 of LCD
power control register) to “1”, apply the voltage value shown in
Table 12 according to the bias value. In this case, SEG22 pin and
SEG23 pin cannot be used.
Select a bias value by the bias control bit (bit 2 of the LCD mode
register).
Note: VLCD is the maximum value of supplied voltage for the
LCD panel.
• Common Pin and Duty Ratio Control
The common pins (COM0
−COM3) to be used are determined by
duty ratio. Select duty ratio by the duty ratio selection bits (bits 0
and 1 of the LCD mode register). When reset is released, VCC
voltage is output from the common pin.
Note: Unused common pin outputs the unselected waveform.
• Segment Signal Output Pin
The segment signal output pins (SEG0
−SEG23) are shared with
ports P0
−P2. When these pins are used as the segment signal
output pins, set the direction registers of the corresponding pins
to “1”, and set the segment output disable register to “0”.
Also, these pins are set to the input port after reset, the VCC
voltage is output by the pull-up resistor.
Fig. 40 Example of circuit at each bias (at external power input)
Table 12 Bias control and applied voltage to VL1
−VL3
Bias value
Voltage value
1/3 bias
VL3 = VLCD
VL2 = 2/3 VLCD
VL1 = 1/3 VLCD
1/2 bias
VL3 = VLCD
VL2 = VL1 = 1/2 VLCD
Table 13 Duty ratio control and common pins used
Duty
ratio
Duty ratio selection bits
Common pins used
Bit 1
Bit 0
20
1
COM0, COM1
31
0
COM0
−COM2
41
1
COM0
−COM3
R4
R5
R4 = R5
Contrast adjust
1/2 bias
Contrast adjust
R1
R2
R3
R1 = R2 = R3
1/3 bias
VL1
VL3
VL2
VL1
VL3
VL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com