| Electronic Components Datasheet Search |
|
38D2 Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38D2 Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 136 page ![]() Rev.3.02 Apr 10, 2008 Page 17 of 131 REJ03B0177-0302 38D2 Group Fig. 10 Memory map of special function register (SFR) 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 CPU mode register 2 (CPUM2) RRF register (RRFR) LCD mode register (LM) LCD power control register (VLCON) AD control register (ADCON) AD conversion register (low-order) (ADL) AD conversion register (high-order) (ADH) Port P0 (P0) Port P0 direction register (P0D) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P3 direction register (P3D) Port P4 (P4) Port P4 direction register (P4D) Port P5 (P5) Port P5 direction register (P5D) Port P6 (P6) Port P6 direction register (P6D) Oscillation output control register (OSCOUT) Timer X (low-order) (TXL) Timer X (high-order) (TXH) Timer X (extension) (TXEX) Timer X mode register (TXM) Timer X control register 1 (TXCON1) Timer X control register 2 (TXCON2) Compare register 1 (low-order) (COMP1L) Compare register 1 (high-order) (COMP1H) Compare register 2 (low-order) (COMP2L) Compare register 2 (high-order) (COMP2H) Compare register 3 (low-order) (COMP3L) Compare register 3 (high-order) (COMP3H) Timer Y (low-order) (TYL) Timer Y (high-order) (TYH) Timer Y mode register (TYM) Timer Y control register (TYCON) Interrupt edge selection register (INTEDGE) CPU mode register (CPUM) Interrupt request register 1 (IREQ1) Interrupt request register 2 (IREQ2) Interrupt control register 1 (ICON1) Interrupt control register 2 (ICON2) Transmit/receive buffer register 1 (TB1/RB1) Serial I/O1 status register (SIO1STS) Serial I/O1 control register (SIO1CON) UART1 control register (UART1CON) Baud rate generator 1 (BRG1) Transmit/receive buffer register 2 (TB2/RB2) Serial I/O2 status register (SIO2STS) Serial I/O2 control register (SIO2CON) Timer 1 (T1) Timer 2 (T2) Timer 3 (T3) Timer 4 (T4) PWM01 register (PWM01) Timer 12 mode register (T12M) Timer 34 mode register (T34M) Timer 1234 mode register (T1234M) Timer 1234 frequency division selection register (PRE1234) Watchdog timer control register (WDTCON) ROM correction address 1 high-order register (RCA1H) ROM correction address 1 low-order register (RCA1L) ROM correction address 2 high-order register (RCA2H) ROM correction address 2 low-order register (RCA2L) ROM correction enable register (RCR) Reserved Reserved Reserved 0FF016 0FF116 0FF216 0FF316 0FF416 0FF516 0FF616 0FF716 0FF816 0FF916 0FFA16 0FFB16 0FFC16 0FFD16 0FFE16 0FFF16 PULL register (PULL) UART2 control register (UART2CON) Baud rate generator 2 (BRG2) Clock output control register (CKOUT) Segment output disable register 0 (SEG0) Segment output disable register 1 (SEG1) Segment output disable register 2 (SEG2) Key input control register (KIC) Note 1: The blanks are reserved. Do not write data to these areas. 2: No memory access is allowed to the blank areas within the SFRs. 3: Addresses 0FE016 to 0FEF16 are available in the flash memory version only. 0FE016 0FE116 0FE216 0FE316 0FE416 0FE516 0FE616 0FE716 0FE816 0FE916 0FEA16 0FEB16 0FEC16 0FED16 0FEE16 0FEF16 Flash memory control register 0 (FMCR0) Flash memory control register 1 (FMCR1) Flash memory control register 2 (FMCR2) Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |