Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 37Page - Renesas Technology Corp 38D2 Datasheet HTML 38Page - Renesas Technology Corp 38D2 Datasheet HTML 39Page - Renesas Technology Corp 38D2 Datasheet HTML 40Page - Renesas Technology Corp 38D2 Datasheet HTML 41Page - Renesas Technology Corp 38D2 Datasheet HTML 42Page - Renesas Technology Corp 38D2 Datasheet HTML 43Page - Renesas Technology Corp 38D2 Datasheet HTML 44Page - Renesas Technology Corp 38D2 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 41 of 131
REJ03B0177-0302
38D2 Group
(2) Asynchronous Serial I/O (UART) Mode
Clock asynchronous serial I/O mode (UART) can be selected by
setting the serial I/O mode selection bit of the serial I/O control
register to “0”.
Eight serial data transfer formats can be selected, and the transfer
formats used by a transmitter and receiver must be identical.
The transmit and receive shift registers each have a buffer, but
the two buffers have the same address in memory. Since the shift
register cannot be written to or read from directly, transmit data
is written to the transmit buffer register, and receive data is read
from the receive buffer register.
The transmit buffer register can also hold the next data to be
transmitted, and the receive buffer register can hold a character
while the next character is being received.
Fig. 33 Block diagram of UART serial I/O
Fig. 34 Operation of UART serial I/O function
1/4
OE
PE FE
1/16
1/16
Data bus
Receive buffer register
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Baud rate generator
Frequency division ratio 1/(n+1)
Transmit buffer register
Data bus
Transmit shift register
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
UART control register
Character length selection bit
BRG count source selection bit
Transmit interrupt source selection bit
Serial I/O synchronous clock selection bit
Clock control circuit
Character length selection bit
7 bits
8 bits
Serial I/O status register
Serial I/O control register
P54/RXD1
[P33/RXD2]
P56/SCLK1
[P31/SCLK2]
P55/TXD1
[P32/TXD2]
Address 001816
[Address 001D16]
Address 001C16 [Address 0FE216]
Address 001816
[Address 001D16]
Address 001916
[Address 001E16]
Address 001A16
[Address 001F16]
Address 001B16
[Address 0FE116]
[ ] : For Serial I/O2
φ SOURCE: represents the supply source of internal clock φ.
XIN input: in the frequency/2, 4 or 8 mode,
Internal on-chip oscillator divided by 4 in the on-chip
oscillator mode, and Sub clock in the low-speed mode.
φSOURCE
SP detector
ST/SP/PA generator
ST detector
TSC=0
TBE=1
RBF=0
TBE=0
TBE=0
RBF=1
RBF=1
ST
D0
D1
SP
D0
D1
ST
SP
TBE=1
TSC=1
∗
ST
D0
D1
SP
D0
D1
ST
SP
Serial input RxD
∗ Generated at 2nd bit in 2-stop-bit mode
1 start bit
7 or 8 data bit
1 or 0 parity bit
1 or 2 stop bit (s)
Notes 1: Error flag detection occurs at the same time that the RBF flag becomes “1” (at 1st stop bit, during reception).
2: As the transmit interrupt (TI), when either the TBE or TSC flag becomes “1”, can be selected to occur depending on the setting
of the transmit interrupt source selection bit (TIC) of the serial I/O control register.
3: The receive interrupt (RI) is set when the RBF flag becomes “1”.
4: After data is written to the transmit buffer when TSC flag = “1”, 0.5 to 1.5 cycles of the data shift cycle is necessary until
changing to TSC flag = “0”.
Transmit or receive clock
Transmit buffer register
write signal
Serial output TxD
Receive buffer register
read signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com