Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 75Page - Renesas Technology Corp 38D2 Datasheet HTML 76Page - Renesas Technology Corp 38D2 Datasheet HTML 77Page - Renesas Technology Corp 38D2 Datasheet HTML 78Page - Renesas Technology Corp 38D2 Datasheet HTML 79Page - Renesas Technology Corp 38D2 Datasheet HTML 80Page - Renesas Technology Corp 38D2 Datasheet HTML 81Page - Renesas Technology Corp 38D2 Datasheet HTML 82Page - Renesas Technology Corp 38D2 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 79 of 131
REJ03B0177-0302
38D2 Group
Full Status Check
By performing full status check, it is possible to know the
execution results of erase and program operations. Figure 77
shows a full status check flowchart and the action to be taken
when each error occurs.
Fig 77. Full status check flowchart and remedial procedure for errors
Read status register
SR4 = “1”
and
SR5 = “1”?
Command
sequence error
YES
Execute the clear status register command (5016)to
clear the status register. Try performing the
operation one more time after confirming that the
command is entered correctly.
NO
SR5 = “0”?
YES
Block erase error
NO
Should an erase error occur, the block in error
cannot be used.
SR4 = “0”?
YES
Program error
NO
End (block erase, program)
Note: When one of SR5 and SR4 is set to “1”, none of the read array, program,
and block erase commands is accepted. Execute the clear status register
command (5016) before executing these commands.
Should a program error occur, the block in error
cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com