Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 46Page - Renesas Technology Corp 38D2 Datasheet HTML 47Page - Renesas Technology Corp 38D2 Datasheet HTML 48Page - Renesas Technology Corp 38D2 Datasheet HTML 49Page - Renesas Technology Corp 38D2 Datasheet HTML 50Page - Renesas Technology Corp 38D2 Datasheet HTML 51Page - Renesas Technology Corp 38D2 Datasheet HTML 52Page - Renesas Technology Corp 38D2 Datasheet HTML 53Page - Renesas Technology Corp 38D2 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 50 of 131
REJ03B0177-0302
38D2 Group
• LCD Display RAM
The 12-byte area of address 004016 to 004B16 is the designated
RAM for the LCD display. When “1” is written to these
addresses, the corresponding segments of the LCD display panel
are turned on.
• LCD Drive Timing
For the LCD drive timing, type A or type B can be selected.
The LCD drive timing is selected by the timing selection bit (bit
4 of LCD mode register).
Type A is selected by setting the LCD drive timing selection bit
to “0”, type B is selected by setting the bit to “1”. Type A is
selected after reset.
The LCDCK timing frequency (LCD drive timing) is generated
internally and the frame frequency can be determined with the
following equation;
f(LCDCK) =
Frame frequency =
<Notes>
(1) When the STP instruction is executed, the following bits are
set to “0”;
• LCD enable bit (bit 3 of LCD mode register)
• Bits other than bit 6 of the LCD power control register.
And the LCD panel turns off.
To make the LCD panel turn on after returning from the stop
mode, set these bits to “1”.
(2) When the voltage is applied to VL1 to VL3 by using the
external resistor, write “102” to dividing resistor for LCD
power selection bits (RSEL) of the LCD power control
register (address 003816).
(3) When the LCD drive control circuit is used at VL3 = VCC,
apply VCC to VL3 pin and write “1” to VL3 connection bit of
the LCD power control register (address 003816).
Fig. 43 LCD display RAM map
(frequency of count source for LCDCK)
(divider division ratio for LCD)
f(LCDCK)
duty ratio
Bit
Address
004016
004116
004216
004316
004416
004516
004616
004716
004816
004916
004A16
004B16
SEG1
SEG3
SEG5
SEG7
SEG9
SEG11
SEG13
SEG15
SEG17
SEG19
SEG21
SEG23
SEG0
SEG2
SEG4
SEG6
SEG8
SEG10
SEG12
SEG14
SEG16
SEG18
SEG20
SEG22
7
6
54
32
10
COM3 COM2 COM1 COM0 COM3 COM2 COM1 COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com