Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 58Page - Renesas Technology Corp 38D2 Datasheet HTML 59Page - Renesas Technology Corp 38D2 Datasheet HTML 60Page - Renesas Technology Corp 38D2 Datasheet HTML 61Page - Renesas Technology Corp 38D2 Datasheet HTML 62Page - Renesas Technology Corp 38D2 Datasheet HTML 63Page - Renesas Technology Corp 38D2 Datasheet HTML 64Page - Renesas Technology Corp 38D2 Datasheet HTML 65Page - Renesas Technology Corp 38D2 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 62 of 131
REJ03B0177-0302
38D2 Group
Fig. 61 Clock generating circuit block diagram
System clock
φ
Interrupt request
Interrupt disable flag I
Reset
WIT
instruction
S
R
Q
STP instruction
XIN-XOUT
oscillation stop bit
CPUM BIT5
XIN
XOUT
XCOUT
XCIN
Timer 1 count source
selection bits
Port Xc switch bit
CPUM BIT4
“00”
“01”
“10”
“11”
Main clock division
ratio selection bit
CPUM BIT7, 6
On-chip oscillator
Internal system clock
selection bit
CPUM BIT3
1/2
1/2
Internal system clock selection bit
“0”
“1”
STP instruction
S
R
Q
S
R
Q
“1”
“0”
Timer 1
Timer 2
“01”
“00”
Frequency divider
for Timer
Timer 2 count source
selection bits
“00”
“10”
(2)
1/4
1/2
“0”
“1”
“1”
“0”
“0”
CPUM2 BIT0
On-chip oscillator stop bit
Main clock
division ratio
selection bit
Notes 1: When the XCIN-XCOUT oscillation is selected as the system clock, set the port Xc
switch bit to “1”.
2: Although a feed-back resistor exists on-chip, an external
feed-back resistor may be needed depending on conditions.
3:
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the on-chip oscillator mode
•Sub-clock in the low-speed mode
However, when used as the A/D conversion clock by the A/D converter,
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the low-speed or the on-chip oscillator mode
φSOURCE
CPUM BIT6
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com