Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 94Page - Renesas Technology Corp 38D2 Datasheet HTML 95Page - Renesas Technology Corp 38D2 Datasheet HTML 96Page - Renesas Technology Corp 38D2 Datasheet HTML 97Page - Renesas Technology Corp 38D2 Datasheet HTML 98Page - Renesas Technology Corp 38D2 Datasheet HTML 99Page - Renesas Technology Corp 38D2 Datasheet HTML 100Page - Renesas Technology Corp 38D2 Datasheet HTML 101Page - Renesas Technology Corp 38D2 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 98 of 131
REJ03B0177-0302
38D2 Group
Electrical Characteristics
NOTE:
1. When the port Xc switch bit (bit 4 of address 003B16) of CPU mode register is “1”, the drivability of P62 is different from the above.
Table 25
Electrical characteristics (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VOH
“H” output voltage
P00
−P07, P10−P17, P20−P27
IOH=
−2.5mA
VCC
−2.0
V
IOH=
−0.6mA
VCC=2.5V
VCC
−1.0
VOH
“H” output voltage
P30
−P37, P40−P47, P50−P57,
P60
−P62 (1)
IOH=
−5mA
VCC
−2.0
V
IOH=
−1.25mA
VCC
−0.5
IOH=
−1.25mA
VCC=2.5V
VCC
−1.0
VOL
“L” output voltage
P00
−P07, P10−P17, P20−P27
IOL=5mA
2.0
V
IOL=1.25mA
0.5
IOL=1.25mA
VCC=2.5V
1.0
VOL
“L” output voltage
P40
−P47, P50, P51, P54−P57,
P60
−P61 (1)
IOL=10mA
2.0
V
IOL=2.5mA
0.5
IOL=2.5mA
VCC=2.5V
1.0
VOL
“L” output voltage
P30
−P37, P52, P53
IOL=15mA
2.0
V
IOL=3.0mA
VCC=2.5V
0.8
VT+
− VT−
Hysteresis
CNTR0, CNTR1, INT0
−INT2,
KW0
−KW7
0.5
V
VT+
− VT−
Hysteresis
RXD1, RXD2, SCLK1, SCLK2
0.5
V
VT+
− VT−
Hysteresis
RESET
VCC = 2.0 V to 5.5 V on RESET
0.5
V
IIH
“H” input current
P00
−P07, P10−P17, P20−P27
VI=VCC
5.0
μA
IIH
“H” input current
P30
−P37, P40−P47, P50−P57,
P60
−P62
VI=VCC
5.0
μA
IIH
“H” input current
RESET, OSCSEL
VI=VCC
5.0
μA
IIH
“H” input current
XIN
VI=VCC
4.0
μA
IIL
“L” input current
P00
−P07, P10−P17, P20−P27
VI=VSS Pull-up “OFF”
−5.0
μA
VCC=5.0V, VI=VSS Pull-up “ON”
−60
−120
−240
μA
VCC=3.0V, VI=VSS Pull-up “ON”
−25
−50
−100
μA
IIL
“L” input current
P30
−P37, P40−P47, P50−P57, P60−
P62
VI=VSS Pull-up “OFF”
−5.0
μA
VCC=5.0V, VI=VSS Pull-up “ON”
−30
−70
−140
μA
VCC=3.0V, VI=VSS Pull-up “ON”
−6.5
−25
−45
μA
IIL
“L” input current
RESET, OSCSEL
VI=VSS
−5.0
μA
IIL
“L” input current
XIN
VI=VSS
−4.0
μA
f(OCO)
On-chip oscillator frequency
VCC=5.0V, Ta =25
°C
2500
5000
7500
kHz
QzROM VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com