Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 98Page - Renesas Technology Corp 38D2 Datasheet HTML 99Page - Renesas Technology Corp 38D2 Datasheet HTML 100Page - Renesas Technology Corp 38D2 Datasheet HTML 101Page - Renesas Technology Corp 38D2 Datasheet HTML 102Page - Renesas Technology Corp 38D2 Datasheet HTML 103Page - Renesas Technology Corp 38D2 Datasheet HTML 104Page - Renesas Technology Corp 38D2 Datasheet HTML 105Page - Renesas Technology Corp 38D2 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 102 of 131
REJ03B0177-0302
38D2 Group
Timing Requirements and Switching Characteristics
NOTES:
1. 80 ns in the frequency/2 mode.
2. 32 ns in the frequency/2 mode.
3. When bit 6 of address 001A16, 001F16 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16, 001F16 are “0” (UART).
NOTE:
1. When bit 6 of address 001A16, 001F16 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16, 001F are “0” (UART).
Table 30 Timing requirements (1)
(Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tW(RESET)
Reset input “L” pulse width
2
μs
tC(XIN)
Main clock input
cycle time
4.5V
≤ VCC ≤ 5.5V (1)
62.5
ns
4.0V
≤ VCC < 4.5V
125
ns
tWH(XIN)
Main clock input
“H” pulse width
4.5V
≤ VCC ≤ 5.5V (2)
25
ns
4.0V
≤ VCC < 4.5V
50
ns
tWL(XIN)
Main clock input
“L” pulse width
4.5V
≤ VCC ≤ 5.5V (2)
25
ns
4.0V
≤ VCC < 4.5V
50
ns
tC(CNTR)
CNTR0, CNTR1 input cycle time
250
ns
tWH(CNTR)
CNTR0, CNTR1 input “H” pulse width
105
ns
tWL(CNTR)
CNTR0, CNTR1 input “L” pulse width
105
ns
tWH(INT)
INT0
−INT2 input “H” pulse width
80
ns
tWL(INT)
INT0
−INT2 input “L” pulse width
80
ns
tC(SCLK)
Serial I/O1, 2 clock input cycle time (3)
800
ns
tWH(SCLK)
Serial I/O1, 2 clock input “H” pulse width (3)
370
ns
tWL(SCLK)
Serial I/O1, 2 clock input “L” pulse width (3)
370
ns
tsu(RXD-SCLK)
Serial I/O1, 2 input setup time
220
ns
th(SCLK-RXD)
Serial I/O1, 2 input hold time
100
ns
Table 31 Timing requirements (2)
(VCC = 1.8 to 4.0 V, VSS = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tW(RESET)
Reset input “L” pulse width
2
μs
tC(XIN)
Main clock input cycle time
(XIN input)
2.0V
≤
VCC ≤ 4.0V
125
ns
VCC < 2.0V
166
ns
tWH(XIN)
Main clock input “H” pulse width 2.0V
≤
VCC ≤ 4.0V
50
ns
VCC < 2.0V
70
ns
tWL(XIN)
Main clock input “L” pulse width
2.0V
≤
VCC ≤ 4.0V
50
ns
VCC < 2.0V
70
ns
tC(CNTR)
CNTR0, CNTR1 input cycle time 2.0V
≤
VCC ≤ 4.0V
1000/
VCC
ns
VCC < 2.0V
1000/(5
×
VCC-8)
ns
tWH(CNTR)
CNTR0, CNTR1 input “H” pulse width
tc(CNTR)/2-20
ns
tWL(CNTR)
CNTR0, CNTR1 input “L” pulse width
tc(CNTR)/2-20
ns
tWH(INT)
INT0
−INT2 input “H” pulse width
230
ns
tWL(INT)
INT0
−INT2 input “L” pulse width
230
ns
tC(SCLK)
Serial I/O1, 2 clock input cycle time (1)
2000
ns
tWH(SCLK)
Serial I/O1, 2 clock input “H” pulse width (1)
950
ns
tWL(SCLK)
Serial I/O1, 2 clock input “L” pulse width (1)
950
ns
tsu(RXD-SCLK)
Serial I/O1, 2 input setup time
400
ns
th(SCLK-RXD)
Serial I/O1, 2 input hold time
200
ns
QzROM VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com