Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 102Page - Renesas Technology Corp 38D2 Datasheet HTML 103Page - Renesas Technology Corp 38D2 Datasheet HTML 104Page - Renesas Technology Corp 38D2 Datasheet HTML 105Page - Renesas Technology Corp 38D2 Datasheet HTML 106Page - Renesas Technology Corp 38D2 Datasheet HTML 107Page - Renesas Technology Corp 38D2 Datasheet HTML 108Page - Renesas Technology Corp 38D2 Datasheet HTML 109Page - Renesas Technology Corp 38D2 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 106 of 131
REJ03B0177-0302
38D2 Group
Recommended Operating Conditions
NOTES:
1. When the A/D converter is used, refer to the recommended operating conditions of the A/D converter.
2. 12.5 MHz
< f(XIN) ≤ 16 MHz is not available in the frequency/2 mode.
Table 35 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
VCC
Power source
voltage(1)
Frequency/2 mode (2)
f(XIN)
≤ 12.5MHz
4.5
5.5
V
f(XIN)
≤ 8MHz
4.0
5.5
V
f(XIN)
≤ 4MHz
2.7
5.5
V
Frequency/4 mode
f(XIN)
≤ 16MHz
4.5
5.5
V
f(XIN)
≤ 8MHz
2.7
5.5
V
Frequency/8 mode
f(XIN)
≤ 16MHz
4.5
5.5
V
f(XIN)
≤ 8MHz
2.7
5.5
V
Low-speed mode
2.7
5.5
V
On-chip oscillator mode
2.7
5.5
V
VSS
Power source voltage
0V
VL3
LCD power source voltage
2.5
5.5
V
VREF
A/D converter reference voltage
2.7
VCC
V
AVSS
Analog power source voltage
0
V
VIA
Analog input voltage AN0
−AN7
AVSS
VCC
V
VIH
“H” input voltage
P04
−P07, P10−P17, P20−P27, P30, P32, P35,
P36, P40
−P47, P52, P53, P62
0.7VCC
VCC
V
VIH
“H” input voltage
P00
−P03, P31, P33, P34, P37, P50, P51, P54−
P57, P60, P61
0.8VCC
VCC
V
VIH
“H” input voltage
RESET
0.8VCC
VCC
V
VIH
“H” input voltage
XIN
0.8VCC
VCC
V
VIL
“L” input voltage
P04
−P07, P10−P17, P20−P27, P30, P32, P35,
P36, P40
−P47, P52, P53, P62
00.3VCC
V
VIL
“L” input voltage
P00
−P03, P31, P33, P34, P37, P50, P51, P54−
P57, P60, P61, CNVSS
00.2VCC
V
VIL
“L” input voltage
RESET
00.2VCC
V
VIL
“L” input voltage
XIN
00.2VCC
V
FLASH MEMORY VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com