Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 103Page - Renesas Technology Corp 38D2 Datasheet HTML 104Page - Renesas Technology Corp 38D2 Datasheet HTML 105Page - Renesas Technology Corp 38D2 Datasheet HTML 106Page - Renesas Technology Corp 38D2 Datasheet HTML 107Page - Renesas Technology Corp 38D2 Datasheet HTML 108Page - Renesas Technology Corp 38D2 Datasheet HTML 109Page - Renesas Technology Corp 38D2 Datasheet HTML 110Page - Renesas Technology Corp 38D2 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 107 of 131
REJ03B0177-0302
38D2 Group
NOTES:
1. The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
2. The peak output current is the peak current flowing in each port.
3. The average output current is average value measured over 100 ms.
Table 36 Recommended operating conditions (3)
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
ΣIOH(peak)
“H” total peak output current (1)
P00
−P07, P10−P17, P20−P27, P30−P37
−40
mA
ΣIOH(peak)
“H” total peak output current (1)
P40
−P47, P50−P57, P60−P62
−40
mA
ΣIOL(peak)
“L” total peak output current (1)
P00
−P07, P10−P17, P20−P27
40
mA
ΣIOL(peak)
“L” total peak output current (1)
P40
−P47, P50, P51, P54−P57, P60−P62
40
mA
ΣIOL(peak)
“L” total peak output current (1)
P30
−P37, P52, P53
110
mA
ΣIOH(avg)
“H” total average output current (1)
P00
−P07, P10−P17, P20−P27, P30−P37
−20
mA
ΣIOH(avg)
“H” total average output current (1)
P40
−P47, P50−P57, P60−P62
−20
mA
ΣIOL(avg)
“L” total average output current (1)
P00
−P07, P10−P17, P20−P27
20
mA
ΣIOL(avg)
“L” total average output current (1)
P40
−P47, P50, P51, P54−P57, P60−P61
20
mA
ΣIOL(avg)
“L” total average output current (1)
P30
−P37, P52, P53
90
mA
IOH(peak)
“H” peak output current (2)
P00
−P07, P10−P17, P20−P27
−2.0
mA
IOH(peak)
“H” peak output current (2)
P30
−P37, P40−P47, P50−P57, P62−P62
−5.0
mA
IOL(peak)
“L” peak output current (2)
P00
−P07, P10−P17, P20−P27
5.0
mA
IOL(peak)
“L” peak output current (2)
P40
−P47, P50, P51, P54−P57, P60−P62
10
mA
IOL(peak)
“L” peak output current (2)
P30
−P37, P52, P53
30
mA
IOH(avg)
“H” average output current (3)
P00
−P07, P10−P17, P20−P27
−1.0
mA
IOH(avg)
“H” average output current (3)
P30
−P37, P40−P47, P50−P57, P60−P62
−2.5
mA
IOL(avg)
“L” average output current (3)
P00
−P07, P10−P17, P20−P27
2.5
mA
IOL(avg)
“L” average output current (3)
P40
−P47, P50, P51, P54−P57, P60−P62
5.0
mA
IOL(avg)
“L” average output current (3)
P30
−P37, P52, P53
15
mA
FLASH MEMORY VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com