Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 51Page - Renesas Technology Corp 38D2 Datasheet HTML 52Page - Renesas Technology Corp 38D2 Datasheet HTML 53Page - Renesas Technology Corp 38D2 Datasheet HTML 54Page - Renesas Technology Corp 38D2 Datasheet HTML 55Page - Renesas Technology Corp 38D2 Datasheet HTML 56Page - Renesas Technology Corp 38D2 Datasheet HTML 57Page - Renesas Technology Corp 38D2 Datasheet HTML 58Page - Renesas Technology Corp 38D2 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 55 of 131
REJ03B0177-0302
38D2 Group
ROM CORRECTION FUNCTION
A part of program in ROM can be corrected.
Set the start address of the corrected ROM data (i.e. an Op code
address of the beginning instruction) to the ROM correction
address high-order and low-order registers.
When the program is being executed and the value of the
program counter matches with the set address value in the ROM
correction address registers, the program is branched to the ROM
correction vectors and then the correction program can be
executed by setting it to the ROM correction vectors.
Use the JMP instruction (3-byte instruction) to return the main
program from the correction program.
The correctable area is up to two. There are two vectors for ROM
correction.
Also, ROM correction vector can be selected from the RAM area
or ROM area by the ROM correction memory selection bit.
The ROM correction function is controlled by the ROM
correction address 1 enable bit and ROM correction address 2
enable bit.
If the ROM correction function is not used, the ROM correction
vector may be used as normal RAM/ROM. When using the
ROM correction vector as normal RAM/ROM, make sure to set
bits 1 and 0 in the ROM correction enable register to “0”
(Disable).
<Notes>
1. When using the ROM correction function, set the ROM cor-
rection address registers and then enable the ROM correc-
tion with the ROM correction enable register.
2. Do not set addresses other than the ROM area in the ROM
correction address registers.
Do not set the same ROM correction addresses in both the
ROM correction address registers 1 and ROM correction
address registers 2.
3. It is necessary to contain the process for ROM correction in
the program.
Fig. 48 ROM correction address register
Fig. 49 Memory map of M38D24G4
Fig. 50 Structure of ROM correction enable register
RAM area
RC2 = “0”
ROM area
RC2 = “1”
Vector 1
address 010016
address F10016
Vector 2
address 012016
address F12016
0FF816
ROM correction address 1 high-order register (RCA1H)
ROM correction address 1 low-order register (RCA1L)
ROM correction address 2 high-order register (RCA2H)
ROM correction address 2 low-order register (RCA2L)
0FF916
0FFA16
0FFB16
Note: Do not set address other than ROM area.
C08016
SFR area
Interrupt vector area
Reserved ROM area
010016
000016
004016
012016
FF0016
FFFF16
Zero
page
Special
page
02BF16
EFFF16
RAM
ROM
Protect
area 1
F12016
FFDB16
Reserved ROM area
C00016
F10016
ROM correction vector 1
ROM correction vector 2
ROM correction vector 1
ROM correction vector 2
~
~
~
~
ROM correction address 1 enable bit (RC0)
0 : Disable
1 : Enable
ROM correction address 2 enable bit (RC1)
0 : Disable
1 : Enable
ROM correction memory selection bit (RC2)
0 : Branch to the RAM area
1 : Branch to the ROM area
Not used (returns “0” when read)
ROM correction enable register (Address 0FFC16)
RCR
b7
b0
Note: After ROM correction address register is set,
set the ROM correction address enable bit to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com