Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 86Page - Renesas Technology Corp 38D2 Datasheet HTML 87Page - Renesas Technology Corp 38D2 Datasheet HTML 88Page - Renesas Technology Corp 38D2 Datasheet HTML 89Page - Renesas Technology Corp 38D2 Datasheet HTML 90Page - Renesas Technology Corp 38D2 Datasheet HTML 91Page - Renesas Technology Corp 38D2 Datasheet HTML 92Page - Renesas Technology Corp 38D2 Datasheet HTML 93Page - Renesas Technology Corp 38D2 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 90 of 131
REJ03B0177-0302
38D2 Group
NOTES ON QzROM VERSION
Wiring to OSCSEL pin
1. OSCSEL = L
Connect the OSCSEL pin the shortest possible to the GND
pattern which is supplied to the VSS pin of the microcomputer.
In addition connecting an approximately 5 k
Ω resistor in series
to the GND could improve noise immunity. In this case as well
as the above mention, connect the pin the shortest possible to
the GND pattern which is supplied to the VSS pin of the
microcomputer.
2. OSCSEL = H
Connect the OSCSEL pin the shortest possible to the VCC
pattern which is supplied to the VCC pin of the microcomputer.
In addition connecting an approximately 5 k
Ω resistor in series
to the VCC could improve noise immunity. In this case as well
as the above mention, connect the pin the shortest possible to
the VCC pattern which is supplied to the VCC pin of the
microcomputer.
•Reason
The OSCSEL pin is the power source input pin for the built-in
QzROM.
When programming in the QzROM, the impedance of the
OSCSEL pin is low to allow the electric current for writing to
flow into the built-in QzROM. Because of this, noise can enter
easily. If noise enters the OSCSEL pin, abnormal instruction
codes or data are read from the QzROM, which may cause a
program runaway.
Fig. 86 Wiring for the OSCSEL pin
Precautions Regarding Overvoltage in QzROM Version
Make sure that voltage exceeding the VCC pin voltage is not
applied to other pins. In particular, ensure that the state indicated
by bold lines in figure below does not occur for OSCSEL pin
(VPP power source pin for QzROM) during power-on or power-
off. Otherwise the contents of QzROM could be rewritten.
Fig. 87 Example of Overvoltage
Product shipped in blank
As for the product shipped in blank, Renesas does not perform
the writing test to user ROM area after the assembly process
though the QzROM writing test is performed enough before the
assembly process. Therefore, a writing error of approximate
0.1% may occur.
Moreover, please note the contact of cables and foreign bodies on
a socket, etc. because a writing environment may cause some
writing errors.
Notes On QzROM Writing Orders
When ordering the QzROM product shipped after writing,
submit the mask file (extension: .msk) which is made by the
mask file converter MM.
• Be sure to set the ROM option data* setup when making the
mask file by using the mask file converter MM.. The ROM
code protect is specified according to the ROM option data* in
the mask file which is submitted at ordering. Note that the
mask file which has nothing at the ROM option data* or has
the data other than “0016”, “FE16” and “FF16” can not be
accepted.
•Set “FF16” to the ROM code protect address in ROM data
regardless of the presence or absence of a protect. When data
other than “FF16” is set, we may ask that the ROM data be
submitted again.
* ROM option data: mask option noted in MM
Data Required For QzROM Writing Orders
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data...........Mask file
* For the QzROM writing confirmation form and the mark
specification form, refer to the “Renesas Technology Corp.”
Homepage (http://www.renesas.com/homepage.jsp).
Note that we cannot deal with special font marking (customer's
trademark etc.) in QzROM microcomputer.
QzROM Receive Flow
When writing to QzROM is performed by user side, the
receiving inspection by the following flow is necessary.
Fig. 88 QzROM receive flow
OSCSEL
VSS
The shortest
The shortest
about 5 k
Ω
Termination of OSCSEL pin
OSCSEL
VCC
The shortest
The shortest
about 5 k
Ω
(1) OSCSEL = L
(2) OSCSEL = H
(1)
(1)
(1)
(1)
Note 1: It shows the microcomputer’s pin
VCC pin voltage
OSCSEL pin voltage
“H” input
OSCSEL pin voltage
“L” input
1.8V
1.8V
(1) Input voltage to other MCU pins rises before VCC pin voltage.
(2) Input voltage to other MCU pins falls after VCC pin voltage.
Note: The internal circuitry is unstable when VCC is below the minimum voltage
specification of 1.8 V (shaded portion), so particular care should be
exercised regarding overvoltage.
(1)
(2)
QzROM product shipped in blank
Programming
Verify test
Receiving inspection of
unprotected area (Verify test)
Programming to unprotected area
Verify test for unprotected area
Shipping
User
QzROM product shipped after writing
“protect disabled”
“protect enabled to the protect area 1”
Renesas
Receiving inspection
(Blank check)
Programming
Verify test for all area
Shipping
User
Renesas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com