Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 53Page - Renesas Technology Corp 38D2 Datasheet HTML 54Page - Renesas Technology Corp 38D2 Datasheet HTML 55Page - Renesas Technology Corp 38D2 Datasheet HTML 56Page - Renesas Technology Corp 38D2 Datasheet HTML 57Page - Renesas Technology Corp 38D2 Datasheet HTML 58Page - Renesas Technology Corp 38D2 Datasheet HTML 59Page - Renesas Technology Corp 38D2 Datasheet HTML 60Page - Renesas Technology Corp 38D2 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 57 of 131
REJ03B0177-0302
38D2 Group
CLOCK OUTPUT FUNCTION
A system clock
φ can be output from I/O port P36. The triple
function of I/O port, timer 2 output function and system clock
φ
output function is performed by the clock output control register
(address 0FF316) and the timer 2 output selection bit of the timer
12 mode register (address 002516).
In order to output a system clock
φ from I/O port P36, set the
timer 2 output selection bit and bit 0 of the clock output control
register to “1”.
When the clock output function is selected, a clock is output
while the direction register of port P36 is set to the output mode.
P36 is switched to the port output or the output (timer 2 output
and the clock output) except port at the cycle after the timer 2
output control bit is switched.
Fig. 53 Structure of clock output control register
Fig. 54 Block diagram of clock output function
Other function registers
[RRF register (RRFR)]
The RRF register (address 001216) is the 8-bit register and does
not have the control function.
As for the value written in this register, high-order 4 bits and
low-order 4 bits interchange.
It is initialized after reset.
Fig. 55 Structure of RRF register
b7
b0
Clock output control register
(CKOUT : address 0FF316)
P36 clock output control bit
0 : Timer 2 output
1 : System clock
φ output
Not used (returns “0” when read)
Not used (Do not write “1” to these bits.)
Timer 2 latch (8)
Timer 2 (8)
1/2
Q
Q
S
T
T2OUT output edge
switch bit
P36 clock output control bit
“0”
“1”
P36 latch
Timer 2 output selection bit
P36 direction register
P36/T2OUT/
CKOUT
b7
b0
Timer 12 mode register (address 002516)
T12M
Timer 2 output selection bit
0 : I/O port
1 : Timer 2 output
System clock
φ
Timer 2 output control bit
“0”
“1”
b7
b0
RRF register
DB4 data storage
DB5 data storage
DB6 data storage
DB7 data storage
DB0 data storage
DB1 data storage
DB2 data storage
DB3 data storage
(RRFR : address 001216)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com