Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 107Page - Renesas Technology Corp 38D2 Datasheet HTML 108Page - Renesas Technology Corp 38D2 Datasheet HTML 109Page - Renesas Technology Corp 38D2 Datasheet HTML 110Page - Renesas Technology Corp 38D2 Datasheet HTML 111Page - Renesas Technology Corp 38D2 Datasheet HTML 112Page - Renesas Technology Corp 38D2 Datasheet HTML 113Page - Renesas Technology Corp 38D2 Datasheet HTML 114Page - Renesas Technology Corp 38D2 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 111 of 131
REJ03B0177-0302
38D2 Group
NOTES:
1. tc(
φAD): one cycle of AD conversion clock. AD conversion clock can be selected from φSOURCE/2 or φSOURCE/8. φSOURCE
represents the XIN input in the frequency/2, 4 or 8 mode and internal on-chip oscillator divided by 4 in the on-chip oscillator mode or
the low-speed mode.
When the A/D conversion is executed in the frequency/2 mode, frequency/4 mode, or frequency/8 mode, set f(XIN)
≥ 500 kHz.
Relationship among AD conversion clock frequency, power source voltage, AD conversion mode and absolute accuracy.
Table 41 A/D converter characteristics
(Vcc = 2.7 to 5.5 V, Ta =
−20 to 85°C, output transistors in cut-off state, low-speed • on-chip oscillator mode
included, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
−
Resolution
10
Bits
ABS
Absolute accuracy
(quantification error
excluded)
10bitAD
mode
4.5V
< VCC ≤ 5.5V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤6.25MHz
4LSB
4.0V
< VCC ≤ 4.5V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤4MHz
2.7V
≤ VCC ≤ 4.0V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤VccMHz
2.7V
≤ VCC ≤ 5.5V,
f(OCO)/8, f(OCO)/32
8bitAD
mode
4.5V
< VCC ≤ 5.5V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤6.25MHz
2
4.0V
< VCC ≤ 4.5V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤4MHz
2.7V
≤ VCC ≤ 4.0V,
AD conversion clock
=f(XIN)/2, f(XIN)/8
≤VccMHz
2.7V
≤ VCC ≤ 5.5V,
f(OCO)/8, f(OCO)/32
tCONV
Conversion time(1)
10bitAD mode
tc(
φAD) × 61
tc(
φAD) × 62
μs
8bitAD mode
tc(
φAD) × 49
tc(
φAD) × 50
RLADDER Ladder resistor
12
35
100
kΩ
IVREF
Reference input
current
VREF=5V
50
150
200
μA
IIA
Analog input
current
5.0
μA
4.0
4.5
5.5
4.0
6.25
[MHz]
[V]
Power source voltage VCC
Note: f(XIN)
≥ 500kHz
2.7
2.7
10bitAD=4LSB
8bitAD=2LSB
AD conversion clock
• frequency/2 mode,
frequency/4 and
frequency/8 mode:
f(XIN)/2 or
f(XIN)/8
0
(Note)
AD conversion clock
• Low-speed mode and
on-chip oscillator mode:
f(OCO)/8 or
f(OCO)/32
f(XIN)/2 or f(XIN)/8
10bitAD=4LSB
8bitAD=2LSB
FLASH MEMORY VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com