Electronic Components Datasheet Search
  English  ▼

X  

38D2 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 109Page - Renesas Technology Corp 38D2 Datasheet HTML 110Page - Renesas Technology Corp 38D2 Datasheet HTML 111Page - Renesas Technology Corp 38D2 Datasheet HTML 112Page - Renesas Technology Corp 38D2 Datasheet HTML 113Page - Renesas Technology Corp 38D2 Datasheet HTML 114Page - Renesas Technology Corp 38D2 Datasheet HTML 115Page - Renesas Technology Corp 38D2 Datasheet HTML 116Page - Renesas Technology Corp 38D2 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 113 of 131
REJ03B0177-0302
38D2 Group
Timing Requirements And Switching Characteristics
NOTES:
1. 80 ns in the frequency/2 mode.
2. 32 ns in the frequency/2 mode.
3. When bit 6 of address 001A16, 001F16 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16, 001F16 are “0” (UART).
NOTE:
1. When bit 6 of address 001A16, 001F16 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16, 001F16 are “0” (UART).
Table 43 Power supply circuit characteristics
(Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
td(P-R)
Internal power source voltage
stabilizes time at power-on
2.7
≤ VCC ≤ 5.5V
2
ms
Table 44 Timing requirements (1)
(Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tW(RESET)
Reset input “L” pulse width
2
μs
tC(XIN)
Main clock input cycle time
4.5V
≤ VCC ≤ 5.5V (1)
62.5
ns
4.0V
≤ VCC < 4.5V
125
ns
tWH(XIN)
Main clock input “H” pulse width
4.5V
≤ VCC ≤ 5.5V (2)
25
ns
4.0V
≤ VCC < 4.5V
50
ns
tWL(XIN)
Main clock input “L” pulse width
4.5V
≤ VCC ≤ 5.5V (2)
25
ns
4.0V
≤ VCC < 4.5V
50
ns
tC(CNTR)
CNTR0, CNTR1 input cycle time
250
ns
tWH(CNTR)
CNTR0, CNTR1 input “H” pulse width
105
ns
tWL(CNTR)
CNTR0, CNTR1 input “L” pulse width
105
ns
tWH(INT)
INT0
−INT2 input “H” pulse width
80
ns
tWL(INT)
INT0
−INT2 input “L” pulse width
80
ns
tC(SCLK)
Serial I/O1, 2 clock input cycle time (3)
800
ns
tWH(SCLK)
Serial I/O1, 2 clock input “H” pulse width (3)
370
ns
tWL(SCLK)
Serial I/O1, 2 clock input “L” pulse width (3)
370
ns
tsu(RxD-SCLK)
Serial I/O1, 2 input setup time
220
ns
th(SCLK-RxD)
Serial I/O1, 2 input hold time
100
ns
Table 45 Timing requirements (2)
(VCC = 2.7 to 4.0 V, VSS = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tW(RESET)
Reset input “L” pulse width
2
μs
tC(XIN)
Main clock input cycle time (XIN input)
125
ns
tWH(XIN)
Main clock input “H” pulse width
50
ns
tWL(XIN)
Main clock input “L” pulse width
50
ns
tC(CNTR)
CNTR0, CNTR1 input cycle time
1000/VCC
ns
tWH(CNTR)
CNTR0, CNTR1 input “H” pulse width
tc(CNTR)/2
−20
ns
tWL(CNTR)
CNTR0, CNTR1 input “L” pulse width
tc(CNTR)/2
−20
ns
tWH(INT)
INT0
−INT2 input “H” pulse width
230
ns
tWL(INT)
INT0
−INT2 input “L” pulse width
230
ns
tC(SCLK)
Serial I/O1, 2 clock input cycle time
2000
ns
tWH(SCLK)
Serial I/O1, 2 clock input “H” pulse width
950
ns
tWL(SCLK)
Serial I/O1, 2 clock input “L” pulse width
950
ns
tsu(RXD-SCLK)
Serial I/O1, 2 input setup time
400
ns
th(SCLK-RXD)
Serial I/O1, 2 input hold time
200
ns
FLASH MEMORY VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com