Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 213Page - Renesas Technology Corp R8C/13 Datasheet HTML 214Page - Renesas Technology Corp R8C/13 Datasheet HTML 215Page - Renesas Technology Corp R8C/13 Datasheet HTML 216Page - Renesas Technology Corp R8C/13 Datasheet HTML 217Page - Renesas Technology Corp R8C/13 Datasheet HTML 218Page - Renesas Technology Corp R8C/13 Datasheet HTML 219Page - Renesas Technology Corp R8C/13 Datasheet HTML 220Page - Renesas Technology Corp R8C/13 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 224 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/13 Group Hardware Manual
C-1
0.10 Nov 05, 2003
First edition issued
–
1.00 Sep 10, 2004 all pages Words standardized (on-chip oscillator, serial interface, A/D )
Table 1.1 revised
Figure 1.3, NOTES 3 added
Table 1.3 revised
Figure 3.1, NOTES added
One body sentence in chapter 4 added ; Titles of Table4.1 to 4.4 added
Table 4.3 revised ; Table 4.4 revised
In 5.1.2, body sentences added
Figure 5.8 revised
Figure 5.9 revised
Figure 5.10 revised
Figure 5.11 revised
Figure 5.12 revised
Line 10 in 5.4.1 revised
Line 5 in 5.4.2 revised
one sentence in 5.4.2 deleted
Table 5.3 revised
Table 6.1 revised
Figure 6.1 revised
Figure 6.2 revised (CM0 and CM1)
Figure 6.4 revised (HR0)
_______
In 6.4.3, INT3 interrupt added
One sentence in “Pin Status in Stop Mode” added
One sentence in 6.5.1 moves to Chapter 19
One body sentence in 10.2.1 added
One body sentence in 10.2.3 added
One body sentence in 10.2.4 added
Figure 10.14 revised (TCC1)
Figure 10.15 revised
Figure 11.1 revised
Line 4 in 12.1 revised
Table 12.3 revised
Table 12.4 revised
Figure 12.7 revised
Table 12.6 revised ; Figure 12.9 revised
Table 12.7 revised
Table 12.8 revised, NOTES revised
5 line in 12.3 revised ; Figure 12.18 revised
Table 12.9 revised
Table 12.10 revised, NOTES revised
Table 12.11 revised, NOTES revised
Figure 12.25 revised
Table 12.12 revised, NOTES revised
Figure 12.30 revised
Figure 12.31 revised (TM1 and TCC0)
Figure 12.32 revised (TCC1 and TCOUT)
Table 12.13 revised
Table 12.14 revised
Figure 12.34 revised
2
5
6
9
10-13
17
21
22
23
24
25
27
28
29
30
32
39
42
60
62
63
64
65
68
71
74
75
76
78
83
85
88
91
93
95
97
98
102
103
104
105
107
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com