Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 216Page - Renesas Technology Corp R8C/13 Datasheet HTML 217Page - Renesas Technology Corp R8C/13 Datasheet HTML 218Page - Renesas Technology Corp R8C/13 Datasheet HTML 219Page - Renesas Technology Corp R8C/13 Datasheet HTML 220Page - Renesas Technology Corp R8C/13 Datasheet HTML 221Page - Renesas Technology Corp R8C/13 Datasheet HTML 222Page - Renesas Technology Corp R8C/13 Datasheet HTML 223Page - Renesas Technology Corp R8C/13 Datasheet HTML 224Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 220 / 224 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/13 Group Hardware Manual
C-4
1.20 Jan.27.2006
9
3 Memory, Figure 3.1 Memory Map;
“Program area”
→ “Program ROM”, “Data area” → “Data flash” revised
10
Table 4.1 SFR Information(1) NOTES:1 revised
11
Table 4.2 SFR Information(2) NOTES:1 revised
12
Table 4.3 SFR Information(3);
008116: “Prescaler Y”
→ “Prescaler Y Register”
008216: “Timer Y Secondary”
→ “Timer Y Secondary Register”
008316: “Timer Y Primary”
→ “Timer Y Primary Register”
008516: “Prescaler Z”
→ “Prescaler Z Register”
008616: “Timer Z Secondary”
→ “Timer Z Secondary Register”
008716: “Timer Z Primary”
→ “Timer Z Primary Register”
008C16: “Prescaler X”
→ “Prescaler X Register” revised
NOTES:1, 2 revised
13
Table 4.4 SFR Information(4) NOTES:1 revised
15
Figure 5.2 Reset Sequence; “72cycles”
→ “64cycles” revised
18
5.1.3 Power-on Reset Function revised
29
6 Clock Generation Circuit;
“(oscillation stop detect function)”
→ “(oscillation stop detection function)” revised
Table 6.1 Clock Generation Circuit Specifications NOTES: 2 deleted
32
Figure 6.3 OCD Register NOTES: 3 partly deleted
35
6.2.1 Low-Speed On-Chip Oscillator Clock;
“The application products ... to accommodate the frequency range.”
→
“The application products ... for the frequency change.” revised
38
Table 6.2 Setting Clock Related Bit and Modes CM13 added
42
6.5.1 How to Use Oscillation Stop Detection Function:
“This function cannot ... is below 2 MHz.” added
46
Table 9.1 Bus Cycles for Access Space, Table 9.2 Access Unit and Bus Operation;
“SFR”
→ “SFR, Data flash”,
ROM/RAM”
→ “Program ROM/RAM” revised
51
Table 10.2 Relocatable Vector Tables; “A/D”
→ “A/D Conversion” revised
59
Figure 10.9 Interrupts Priority Select Circuit NOTES: 1 deleted
71
Figure 12.1 Timer X Block Diagram; “Peripheral data bus”
→ “Data bus” revised
74
Table 12.3 Pulse Output Mode Specifications NOTES: 1 added
88
Figure 12.18 Timer Z Block Diagram; “Peripheral data bus”
→ “Data bus” revised
102
Figure 12.30 CMP Waveform Output Unit revised
107
Table 12.14 Output Compare Mode Specifications NOTES: 2 revised
108
Figure 12.34 Operation Example of Timer C in Output Compare Mode revised
111
Figure 13.3 U0TB to U1TB Registers, U0RB and U1RB Registers, and U0BRG and
U1BRG Registers;
UARTi transmit buffer register (i=0, 1) revised
UARTi bit rate register (i=0, 1); NOTES: 3 added
112
Figure 13.4 U0MR to U1MR Registers and U0C0 and U1C0 Registers;
UARTi transmit/receive control register 0 (i=0, 1); NOTES: 1 added
113
Figure 13.5 U0C1 and U1C1 Registers and UCON Register;
UART transmit/receive control register 2; NOTES: 2 added
120
Table 13.5 Registers to Be Used and Settings in UART Mode;
UiBRG: “–”
→ “0 to 7” revised
125
Figure 14.1 A/D Converter Block Diagram “Vref”
→ “Vcom” revised
135
14.7 Output Impedance of Sensor under A/D Conversion added
138
Figure 15.1 Programmable I/O Ports (1); NOTES: 1 added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com